Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8900TLE-3333 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP8900TLE-3333
Description  LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-3333 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8900TLE-3333 Datasheet HTML 3Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 4Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 5Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 6Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 7Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 8Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 9Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 10Page - Texas Instruments LP8900TLE-3333 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
LP8900
www.ti.com
SNVS542C – MAY 2008 – REVISED JULY 2013
TYPICAL PERFORMANCE CHARACTERISTICS. (continued)
Unless otherwise specified, CIN = COUT=1.0µF Ceramic, VIN = VOUT(NOM) + 1.0V or 1.8V whichever is greater, TA = 25°C,
VOUT(NOM) = 2.85V , Enable pin is tied to VIN.
Ground Current vs VIN
Vout 1 Load Transient 1 to 200mA
Figure 8.
Figure 9.
Vout 1 Load Transient 0 to 200mA
Load Transient. Vin = 1.8V, Vout = 1.2V
Figure 10.
Figure 11.
Line Transient, 200mA per Channel
Short Circuit Current
Figure 12.
Figure 13.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com