Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8900TLE-AAEC Datasheet(PDF) 10 Page - Texas Instruments

Part # LP8900TLE-AAEC
Description  LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8900TLE-AAEC Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP8900TLE-AAEC Datasheet HTML 6Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 7Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 8Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 9Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 10Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 11Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 12Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 13Page - Texas Instruments LP8900TLE-AAEC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
0402, 6.3V, X5R
0603, 10V, X5R
100
80
60
40
20
LP8900
SNVS542C – MAY 2008 – REVISED JULY 2013
www.ti.com
Figure 18. Effect of DC bias on Capacitance Value.
As an example Figure 18 shows a typical graph showing a comparison of capacitor case sizes in a Capacitance
vs. DC Bias plot. As shown in the graph, as a result of the DC Bias condition, the capacitance value may drop
below the minimum capacitance value given in the recommended capacitor table. Note that the graph shows the
capacitance out of spec for the 0402 case size capacitor at higher bias voltages. It is therefore recommended
that the capacitor manufacturers' specifications for the nominal value capacitor are consulted for all conditions as
some capacitor sizes (e.g. 0402) may not be suitable in the actual application. Ceramic capacitors have the
lowest ESR values, thus making them best for eliminating high frequency noise. The ESR of a typical 4.7 µF
ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR requirement for stability for the
LP8900. The temperature performance of ceramic capacitors varies by type. Capacitor type X7R is specified with
a tolerance of ±15% over the temperature range -55°C to +125°C. The X5R has a similar tolerance over the
reduced temperature range of -55°C to +85°C. Some large value ceramic capacitors (4.7 µF) are manufactured
with Z5U or Y5V temperature characteristics, which can result in the capacitance dropping by more than 50% as
the temperature varies from 25°C to 85°C. Therefore X7R or X5R types are recommended in applications where
the temperature will change significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1 µF to 4.7 µF range. Another
important consideration is that tantalum capacitors have higher ESR values than equivalent size ceramics. This
means that while it may be possible to find a tantalum capacitor with an ESR value within the stable range, it
would have to be larger in capacitance (which means bigger and more costly) than a ceramic capacitor with the
same ESR value. It should also be noted that the ESR of a typical tantalum will increase about 2:1 as the
temperature goes from 25°C down to -40°C, so some guard band must be allowed.
Enable Control
The LP8900 may be switched ON or OFF by a logic input at the ENABLE pin.A high voltage at this pin will turn
the device on. When the enable pin is low, the regulator output is off and the device typically consumes 3 nA.
However if the application does not require the shutdown feature, the VEN pin can be tied to VIN to keep the
regulator permanently on. To ensure fast start-up is achieved, VEN should be driven separately.
A 3-M
Ω pulldown resister ties the VEN input to ground, this ensures that the device will remain off when the
enable pin is left open circuit. To ensure proper operation, the signal source used to drive the VEN input must be
able to swing above and below the specified turn-on/off voltage thresholds listed in the ELECTRICAL
CHARACTERISTICS section under VIL and VIH.
DSBGA Mounting
The DSBGA package requires specific mounting techniques which are detailed in the TI Application Note (AN-
1112) SNVA009. Referring to the section Surface Mount Technology (SMT) Assenbly Considerations, it should
be noted that the pad style which must be used with the 6 pin package is NSMD (non-solder mask defined) type.
For best results during assembly, alignment ordinals on the PCB may be used to facilitate placement of the
DSBGA device.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com