Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX500 Datasheet(PDF) 3 Page - C&D Technologies

Part # KX500
Description  500 WATT AC/DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

KX500 Datasheet(HTML) 3 Page - C&D Technologies

  KX500 Datasheet HTML 1Page - C&D Technologies KX500 Datasheet HTML 2Page - C&D Technologies KX500 Datasheet HTML 3Page - C&D Technologies KX500 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KX500 8/99 REV B
Page 3
Output Voltages and Maximum Rated Loads
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
OUTPUT #5
MODEL NUMBER
VOUT
IMAX
VNOM
IMAX
VNOM
IMAX
VNOM
IMAX
VOUT
IMAX
KX500-F3A
± 5V
80A
± 12V
20A
± 12V
20A
-
-
-
-
KX500-F3B
± 5V
80A
± 15V
20A
± 15V
20A
-
-
-
-
KX500-F5C
± 5V
80A
± 12V
20A
± 12V
20A
± 24V
3A
±5V
6A
KX500-F5D
± 5V
80A
± 12V
20A
± 12V
20A
± 12V
6A
±5V
6A
KX500-F5E
± 5V
80A
± 15V
20A
± 15V
20A
± 24V
3A
±5V
6A
KX500-F5F
± 5V
80A
± 15V
20A
± 15V
20A
± 12V
6A
±5V
6A
KX500-F5G
± 5V
80A
±15V
20A
±15V
20A
±5V
6A
±5V
6A
Note: Maximum current ratings are for 10sec maximum. Total power not to exceed 500 watts.
Output Specifications
Parameter
Limits
Regulation
Main Output
Outputs #2 - 5
Line
± 0.1%
±0.2%
Load
±0.2%
±0.4%
Cross
±0.2%
±0.2%
Minimum Load
Output #1
5.0A
Outputs#2 & #3
1.0A
Outputs #4 & #5
0.0A
Hold-Up Time
20mSec at Full Load
Output #4 (24V)
±0.5%
±0.4%
±0.5%
Parameter
Conditions
Min
Typ
Max
Units
Voltage Adustment Range
Nominal line on all outputs
±5
%
PARD
20 MHz bandwidth
1
% P-P or
100mV P-P
whichever is smaller
Temperature
Operating
300 CFM airflow, all line & load conditions
0
40
°C
Derates 10W/°C
40
60
°C
Derates 20W/°C
60
70
°C
Storage
-20
+70
°C
Humidity Range
Non-condensing
0
95
%
Temperature Coefficient (TC)
After half hour warm-up
± 0.02
%/°C
Output #4 with 24V option
±0.11
%/°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com