Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8321 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM8321
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8321 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM8321 Datasheet HTML 8Page - Analog Devices ADM8321 Datasheet HTML 9Page - Analog Devices ADM8321 Datasheet HTML 10Page - Analog Devices ADM8321 Datasheet HTML 11Page - Analog Devices ADM8321 Datasheet HTML 12Page - Analog Devices ADM8321 Datasheet HTML 13Page - Analog Devices ADM8321 Datasheet HTML 14Page - Analog Devices ADM8321 Datasheet HTML 15Page - Analog Devices ADM8321 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM8316/ADM8318/ADM8319/ADM8320/ADM8321/ADM8322
Data Sheet
Rev. 0 | Page 12 of 16
OPTIONS
Table 6. Selection Table
Device No.
Watchdog
Manual Reset
Output Stage
RESET
RESET
ADM8316
Yes
Yes
Push-pull
No
ADM8318
Yes
No
Push-pull
Push-pull
ADM8319
No
Yes
Push-pull
Push-pull
ADM8320
Yes
Yes
Open-drain
No
ADM8321
Yes
No
Open-drain
Push-pull
ADM8322
No
Yes
Open-drain
Push-pull
Table 7. Reset Timeout Options
Suffix
Minimum
Typical
Maximum
Unit
A
1
1.4
1.8
ms
B
20
28
36
ms
C
140
200
260
ms
D
1120
1600
2080
ms
Table 8. Watchdog Timeout Options
Suffix
Minimum
Typical
Maximum
Unit
W
4.5
6.3
8.1
ms
X
72
102
132
ms
Y
1.12
1.6
2.24
sec
Z
18.0
25.6
33.2
sec
Table 9. Reset Voltage Threshold Options
Reset Threshold Number
TA = 25°C
TA = −40°C to +125°C
Unit
Minimum
Typical
Maximum
Minimum
Maximum
50
4.950
5.000
5.050
4.925
5.075
V
49
4.851
4.900
4.949
4.826
4.974
V
48
4.752
4.800
4.848
4.728
4.872
V
47
4.653
4.700
4.747
4.629
4.771
V
46
4.584
4.630
4.676
4.560
4.700
V
45
4.455
4.500
4.545
4.432
4.568
V
44
4.346
4.390
4.434
4.324
4.456
V
43
4.257
4.300
4.343
4.235
4.365
V
42
4.158
4.200
4.242
4.137
4.263
V
41
4.059
4.100
4.141
4.038
4.162
V
40
3.960
4.00
4.040
3.940
4.060
V
39
3.861
3.900
3.939
3.841
3.959
V
38
3.762
3.800
3.838
3.743
3.857
V
37
3.663
3.700
3.737
3.644
3.756
V
36
3.564
3.600
3.636
3.546
3.654
V
35
3.465
3.500
3.535
3.447
3.553
V
34
3.366
3.400
3.434
3.349
3.451
V
33
3.267
3.300
3.333
3.250
3.350
V
32
3.168
3.200
3.232
3.152
3.248
V
31
3.049
3.080
3.111
3.033
3.127
V
30
2.970
3.000
3.030
2.955
3.045
V
29
2.901
2.930
2.959
2.886
2.974
V
28
2.772
2.800
2.828
2.758
2.842
V
27
2.673
2.700
2.727
2.659
2.741
V
26
2.604
2.630
2.656
2.590
2.670
V
25
2.475
2.500
2.525
2.462
2.538
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com