Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2301 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2301
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2301 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2301 Datasheet HTML 9Page - Analog Devices ADP2301 Datasheet HTML 10Page - Analog Devices ADP2301 Datasheet HTML 11Page - Analog Devices ADP2301 Datasheet HTML 12Page - Analog Devices ADP2301 Datasheet HTML 13Page - Analog Devices ADP2301 Datasheet HTML 14Page - Analog Devices ADP2301 Datasheet HTML 15Page - Analog Devices ADP2301 Datasheet HTML 16Page - Analog Devices ADP2301 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
EVAL-AD7903SDZ User Guide
UG-609
Rev. 0 | Page 13 of 32
HOW TO USE THE SOFTWARE
SETTING UP THE SYSTEM FOR DATA CAPTURE:
BOARD OPERATION/CONNECTION SEQUENCE
With the evaluation software installed, the following board
operation/connection sequence can be used:
1. Connect the SDP controller board to the evaluation board
with the J5 connector (screw into place as required). The
software is configured to find the evaluation board on either
the J4 or J5 connector of the SDP board.
2. Power the board with the appropriate supply, as described
in the Power Supplies section.
3. Connect the EVAL-SDP-CB1Z board to a PC using the
USB cable.
4. Start the evaluation software. Click Start >All Programs >
AD7903_03_Evaluation > AD7903_03_Evaluation_
Software.
5. Apply a signal source and capture data.
STARTING THE SOFTWARE
When the software starts running, it searches for hardware
connected to the PC. The software automatically detects the
generic attached to the PC, or you can choose to run the software
in standalone mode without any hardware connected.
With Hardware Connected
To run the program with hardware connected,
1. Click Start > All Programs > AD7903_03_Evaluation >
AD7903_03_Evaluation_Software. (To uninstall the
program, click Start > Control Panel > Add or Remove
Programs > AD7903_03_Evaluation.)
2. If the SDP board is not connected to the USB port when
the software is launched, a connectivity error displays (see
Figure 17). If a connectivity error is displayed, connect the
evaluation board to the USB port of the PC, wait a few
seconds, click Rescan, and follow the instructions.
Figure 17. SDP Board Not Connected to the USB Port Pop-Up Window Error
3. After finding the evaluation board, the software connects
to the board and displays the dialog box shown in Figure 18.
Figure 18. Software Connects to SDP Board
4. After the board is correctly detected, the main window of
the software appears (see Figure 21), showing that the
EVAL-AD7903SDZ board is connected.
Without Hardware Connected
The software can run in standalone mode when no evaluation
board hardware is connected to the USB port.
1. Click Start > All Programs > AD7903_03_Evaluation >
AD7903_03_Evaluation_Software.
2. The software automatically seeks to find the hardware
connected; therefore, when no hardware is connected, a
connectivity error is displayed (see Figure 19). If you wish to
continue without hardware in standalone mode, click Cancel.
Figure 19. No Hardware Connected Pop-Up Window Error
3. The software alerts the user that no hardware is connected
and that the software is going to continue in standalone mode.
Figure 20. Software Indicates Operating in Standalone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com