Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8031ARTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8031ARTZ
Description  EVAL-AD7903SDZ User Guide UG-609
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031ARTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8031ARTZ Datasheet HTML 12Page - Analog Devices AD8031ARTZ Datasheet HTML 13Page - Analog Devices AD8031ARTZ Datasheet HTML 14Page - Analog Devices AD8031ARTZ Datasheet HTML 15Page - Analog Devices AD8031ARTZ Datasheet HTML 16Page - Analog Devices AD8031ARTZ Datasheet HTML 17Page - Analog Devices AD8031ARTZ Datasheet HTML 18Page - Analog Devices AD8031ARTZ Datasheet HTML 19Page - Analog Devices AD8031ARTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
UG-609
EVAL-AD7903SDZ User Guide
Rev. 0 | Page 16 of 32
GENERATING A WAVEFORM ANALYSIS REPORT
Figure 22 illustrates the Waveform tab for a 10 kHz sine wave
input signal when the on-board 5 V external reference is used.
The Waveform Analysis area (located toward the bottom of the
window) reports the amplitudes recorded from the captured signal
and the frequency of the signal tone. Select the Channel 1 tab
or Channel 2 tab in the Waveform Analysis area to view the
corresponding waveform.
Figure 22. Waveform Tab
CONTROL
CURSOR
CONTROL
PANNING
CONTROL
ZOOMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com