Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRDM-KL46Z Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # FRDM-KL46Z
Description  FRDM-KL46Z Users Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FRDM-KL46Z Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button FRDM-KL46Z Datasheet HTML 7Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 8Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 9Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 10Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 11Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 12Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 13Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 14Page - Freescale Semiconductor, Inc FRDM-KL46Z Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Freescale Semiconductor, Inc
FRDM-KL46Z
Page 11 of 17
 Memories
 256 KB flash
 32 KB SRAM
 System integration
o Power management and mode controllers
o Low-leakage wakeup unit
o Bit manipulation engine for read-modify-write peripheral operations
o Direct memory access (DMA) controller
o Computer operating properly (COP) Watchdog timer
 Clocks
o Clock generation module with FLL and PLL for system and CPU clock generation
o 4 MHz and 32 kHz internal reference clock
o System oscillator supporting external crystal or resonator
o Low-power 1kHz RC oscillator for RTC and COP watchdog
 Analog peripherals
o 16-bit SAR ADC w/ DMA support
o 12-bit DAC w/ DMA support
o High speed comparator
o
 Communication peripherals
o One Integrated Interchip Sound(I2S) Audio Interface(SAI)
o Two 8-bit Serial Peripheral Interfaces (SPI)
o USB dual-role controller with built-in FS/LS transceiver
o USB voltage regulator
o Two I2C modules
o One low-power UART and two standard UART modules
 Timers
o One 6-channel Timer/PWM module
o Two 2-channel Timer/PWM modules
o 2-channel Periodic Interrupt Timer (PIT)
o Real time clock (RTC)
o Low-power Timer (LPT)
o System tick timer
 Human-Machine Interfaces (HMI)
o Segment LCD controller. Maximum segment is 8X47 or 4x51.
o General purpose input/output controller
o Capacitive touch sense input interface hardware module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com