Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1011 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # P1011
Description  QorIQ P2010 and P2020 Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P1011 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  P1011 Datasheet HTML 1Page - Freescale Semiconductor, Inc P1011 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Overview
The QorIQ mid-performance tier, which
includes the P2020 (dual-core processor) and
P2010 (single-core processor) communications
processors, delivers high single-threaded
performance per watt for a wide variety of
applications in the networking, telecom,
military and industrial markets. These
P2 devices deliver dual- and single-core
frequencies up to 1.2 GHz on a 45 nm
technology low-power platform.
The QorIQ P2020 and P2010 dual- and
single-core products are pin compatible with
the QorIQ P1 family devices in the value-
performance tier, offering four interchangeable
cost-effective solutions. Scaling from a single-
core processor at 533 MHz (P1011) to a dual-
core processor at 1.2 GHz (P2020), the two
tiers of devices together deliver an impressive
4.5x aggregate frequency range within the
same pinout.
The P2010 and P2020 devices are software
compatible, sharing the e500 Power
Architecture® core and peripherals, as well
as being fully software compatible with the
existing PowerQUICC processors. This enables
customers to create a product with multiple
performance points from a single board
design. The P2020 and P1020 dual-core
processors support symmetric and asymmetric
multiprocessing, enabling customers to scale
performance through either thread-level or
application-level parallelism.
The P2020 and P2010 processors have an
advanced set of features for ease of use. The
optional integrated security engine supports
the cryptographic algorithms commonly used
in IPsec, SSL, 3GPP and other networking
and wireless security protocols. The 64-bit
memory controller offers future proofing against
memory technology migration with support for
both DDR2 and DDR3. It also supports error
correction codes, a baseline requirement for
any high-reliability system. Other memory types
such as flash are supported through the 16-bit
local bus, USB, SD/MMC and SPI.
The P2010 and P2020 processors integrate a
rich set of interfaces, including SerDes, Gigabit
Ethernet, PCI Express®, RapidIO® technology
and USB. The three 10/100/1000 Ethernet
ports support advanced packet parsing, flow
control and quality of service features, as well
as IEEE® 1588 time stamping.
Target Applications
The P2010 and P2020 processors serve in a
wide range of applications, notably those with
tight thermal constraints. With an available
junction temperature range of –40 °C to
+125 °C, the devices can be used in
power-sensitive defense, aerospace and
industrial applications, and less protected
outdoor environments. They enable various
combinations of data plane and control
plane workloads in networking and telecom
applications that require higher performance
but want to avoid the complexity of partitioning
the application across many cores. The
devices’ primary target applications are
networking and telecom linecards. The P2
devices, with their low power budget and high
single-threaded performance, are uniquely well-
suited for control plane applications.
QorIQ P2020/P2010 Communication Processors
2x USB 2.0
eLBC
Coherent System Bus
Security
3.3
Accelerators and Memory Control
Networking Elements
Core Complex (CPU and L2 Cache)
Basic Peripherals and Interconnect
P2010–Single Core Only
1 GE
1 GE
1 GE
4-Lane 2.5/3 GHz SerDes
TDM
SD/MMC
DUART
2x I2C
SPI, GPIO
Power Architecture®
e500-v2 Core
32 KB
D Cache
32 KB
I Cache
512 KB
Frontside
Cache
64/32-bit
DDR2/3
Memory Controller
SRIO
DMA
PCIe
PCIe
PCle
SRIO
QorIQ P2020/P2010 Communication Processors
QorIQ Communications Platforms
QorIQ P2010 and
P2020 Processors
QorIQ P1 and P2 Family Comparison Chart
Device Cores Top Core
Frequency
L2
Size
DDR 2/3
Support
GE
Ports
SerDes PCI
Express®
Serial
RapidIO®
TDM
P1011
1
800 MHz
256 KB 32-bit with ECC 3
4
2
N/A
Yes
P1020
2
800 MHz
256 KB 32-bit with ECC 3
4
2
N/A
Yes
P2010
1
1200 MHz
512 KB 64-bit with ECC 3
4
3
2
N/A
P2020
2
1200 MHz
512 KB 64-bit with ECC 3
4
3
2
N/A


Similar Part No. - P1011

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P1011 FREESCALE-P1011 Datasheet
227Kb / 2P
single- and dual-core communications processors
P1011 FREESCALE-P1011 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1011 FREESCALE-P1011 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1011 FREESCALE-P1011 Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1011 FREESCALE-P1011 Datasheet
227Kb / 2P
P1011 and P1020 single- and dual-core communications processors
More results

Similar Description - P1011

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P2020NSE2MHC FREESCALE-P2020NSE2MHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020NXN2KFC FREESCALE-P2020NXN2KFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020NXE2KFC FREESCALE-P2020NXE2KFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2010NXN2KFC FREESCALE-P2010NXN2KFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020NSE2KHC FREESCALE-P2020NSE2KHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020PSE2HFC FREESCALE-P2020PSE2HFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2010NSE2MFC FREESCALE-P2010NSE2MFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2020NSE2MFC FREESCALE-P2020NSE2MFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P2010NSE2MHC FREESCALE-P2010NSE2MHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
logo
NXP Semiconductors
LS1026A NXP-LS1026A Datasheet
204Kb / 2P
QorIQ LS1046A and LS1026A Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com