Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKA0509S Datasheet(PDF) 2 Page - C&D Technologies

Part # NKA0509S
Description  Isolated Sub-Miniature 1W Dual Output DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

NKA0509S Datasheet(HTML) 2 Page - C&D Technologies

  NKA0509S Datasheet HTML 1Page - C&D Technologies NKA0509S Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NKA SERIES
Isolated Sub-Miniature 1W Dual Output DC-DC Converters
C&D Technologies (NCL) Ltd
Tanners Drive, Blakelands North
Milton Keynes MK14 5BU, England
Tel: +44 (0)1908 615232
Fax:+44 (0)1908 617545
email: info@cdtechno-ncl.com
www: http://www.dc-dc.com
C&D Technologies Inc.
3400 E Britannia Drive, Tucson,
Arizona 85706, USA
Tel: +1 (800) 547-2537
Fax: +1 (520) 741-4598
email: sales@cdtechno.com
C&D Technologies (NCL) Limited reserve the right to alter or improve the
specification, internal design or manufacturing process at any time, without
notice. Please check with your supplier or visit our web site to ensure that
you have the current and complete specification for your product before use.
© C&D Technologies (NCL) Limited 2002
NDC NKA.6
No part of this publication may be copied, transmitted or stored in a
retrieval system or reproduced in any way including, but not limited to,
photography, photocopy, magnetic or other recording means, without prior
written permission from C&D Technologies (NCL) Limited.
Instructions for use are available from www.dc-dc.com
ISOLATION CHARACTERISTICS
GENERAL CHARACTERISTICS
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
MIN
TYP
MAX
Units
Isolation Test Voltage
Flash tested for 1 second
3000
VDC
Resistance
Viso=1000VDC
10
G
Ω
Parameter
Conditions
MIN
TYP
MAX
Units
Switching Frequency
3.3V input types
95
kHz
All other types
120
Parameter
Conditions
MIN
TYP
MAX
Units
Specification
All output types
-40
85
°C
Storage
-50
130
°C
Case Temperature
5V output types
30
°C
above ambient
All other output types
21
Cooling
Free air convection
5.95
PIN CONNECTIONS - 14 PIN DIP
1
GND
7
NC
8
0V
9
+V
11
-V
14
V
IN
MECHANICAL DIMENSIONS
7.55
4.60
3.60
1
2
4
5
6
0.30
0.20
0.55
0.45
0.60
0.50
Weight: 1.4g (SIP) 1.9g (DIP)
All dimensions in mm XX.XX ±0.25mm. All pins on a
2.54mm pitch and within ±0.25mm of true position.
2.54
16.55
1.675±0.50
1.25
12.70
9.80
5.40
4.60
3.60
0.50±0.05
19.50
TEMPERATURE CHARACTERISTICS
Temperature Derating Graph
NKA0303D/S, 0305D/S, 0505DE/SE
types only
6 Pin SIP Package Style
14 Pin DIP Package Style
Ambient Temperature (°C)
85°C
120°C
2.0
1.5
1.0
0.5
0
Safe Operating Area
-40
0
50
100
150
10
25
50
75
100
Output Load Current (%)
Tolerance Envelope
+9%
+1%
VNOM
–7%
+1%
–7%
–15%
Temperature Derating Graph
All other types
Ambient Temperature (°C)
85°C
120°C
2.0
1.5
1.0
0.5
0
Safe Operating Area
-40
0
50
100
150
10
25
50
75
100
Output Load Current (%)
Tolerance Envelope
+10%
+5%
VNOM
+2.5%
–2.5%
–7.5%
NKA0505D
XYYWW
PIN CONNECTIONS - 6 PIN SIP
1
V
IN
2
GND
4
-V
5
0V
6
+V
1
7
8
9
11
14
7.62
15.24
2.13
2.54
0.30
0.20
1.09



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com