Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AATIAN22 Datasheet(PDF) 9 Page - SiGe Semiconductor, Inc.

Part # AATIAN22
Description  3MHz Fast Transient 400mA Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN22 Datasheet(HTML) 9 Page - SiGe Semiconductor, Inc.

Back Button AATIAN22 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN22 Datasheet HTML 4Page - SiGe Semiconductor, Inc. AATIAN22 Datasheet HTML 5Page - SiGe Semiconductor, Inc. AATIAN22 Datasheet HTML 6Page - SiGe Semiconductor, Inc. AATIAN22 Datasheet HTML 7Page - SiGe Semiconductor, Inc. AATIAN22 Datasheet HTML 8Page - SiGe Semiconductor, Inc. AATIAN22 Datasheet HTML 9Page - SiGe Semiconductor, Inc. AATIAN22 Datasheet HTML 10Page - SiGe Semiconductor, Inc. AATIAN22 Datasheet HTML 11Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Test: R
DS(ON)H and RDS(ON)L
1.
Configure the specified test equipment as shown in Figure 8.
2.
Enable UUT by connecting the jumper to the ‘ON’ position, and connect the FB pin to GND to turn-on the
high side PMOS and turn-off the low side NMOS.
3.
Connect 4 wires (Force and Sense) from the Keithley power supply between V
IN and LX node.
Set the
compliance to V
SRC = 40mV at ICOMP = 300mA.
4.
Power up and measure
5.
To measure the R
DS(ON)L, repeat steps 2 through 4 with the FB pin connected to VCC (to turn on the low
side NMOS) and connect the 4 wires (Force and Sense) between LX and GND.
Figure 8: AAT1149 Schematic Connection Diagram for R
DS(ON).
R
DS(ON)L =
V
SRC
I
COMP
R
DS(ON)H =
V
SRC
I
COMP
EV-139
AAT1149 EVAL: 3MHz Fast Transient
400mA Step-Down Converter
EV-139.2007.08.1.0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com