Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS4615DPBF Datasheet(PDF) 12 Page - International Rectifier

Part # IRGS4615DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4615DPBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IRGS4615DPBF Datasheet HTML 4Page - International Rectifier IRGS4615DPBF Datasheet HTML 5Page - International Rectifier IRGS4615DPBF Datasheet HTML 6Page - International Rectifier IRGS4615DPBF Datasheet HTML 7Page - International Rectifier IRGS4615DPBF Datasheet HTML 8Page - International Rectifier IRGS4615DPBF Datasheet HTML 9Page - International Rectifier IRGS4615DPBF Datasheet HTML 10Page - International Rectifier IRGS4615DPBF Datasheet HTML 11Page - International Rectifier IRGS4615DPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
IRGS/B4615DPbF
12
www.irf.com © 2013 International Rectifier
Submit Datasheet Feedback
October 25, 2013
†
Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability
†† Applicable version of JEDEC standard at the time of product release
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
D2Pak Tape & Reel Information (Dimensionsareshowninmillimeters(inches))
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/
D
2Pak
MSL1
TO-220
N/A
Qualification Information
†
Qualification Level
Industrial
(per JEDEC JESD47F)
††
Moisture Sensitivity Level
RoHS Compliant
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com