Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR1102 Datasheet(PDF) 1 Page - C&D Technologies

Part # PWR1102
Description  1.5 WATT UNREGULATED DUAL-IN-LINE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR1102 Datasheet(HTML) 1 Page - C&D Technologies

  PWR1102 Datasheet HTML 1Page - C&D Technologies PWR1102 Datasheet HTML 2Page - C&D Technologies PWR1102 Datasheet HTML 3Page - C&D Technologies PWR1102 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PWR11XX 7/99 REV E
Page 1
DESCRIPTION
The PWR11XX Series offers a broad line of low-cost, high-
performance, unregulated, single and dual output DC/DC
converters in a 24-pin DIP package. These miniature convert-
ers offer better performance and lower cost in industry-
standard packages and pin-outs. The PWR11XX Series is
internally filtered. No external parts are necessary.
Surface mounted components and a special encapsulant al-
low for superior reliability, excellent thermal dissipation, and
an extended temperature range of –25°C to +85°C at no extra
cost.
The PWR11XX Series is ideal for use on high-density PC
boards where isolated, unregulated, power is needed. Stand-
offs allow for PC board cleaning, helping preserve isolation.
They also allow for visual inspection of solder joints.
FEATURES
Low Cost
Industry-Standard Package
Single and Dual Outputs
Internal Input and Output Filtering
24-Pin DIP Package
Built-In Standoffs
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.295-4197
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
1.5 WATT UNREGULATED
DUAL-IN-LINE DC/DC CONVERTER
PWR11XX
Product Data Sheet
.010±0.005"
(0.25)
0.100±0.015"
(2.54)
0.170 "
(4.32)
1.270±0.010"
(32.26)
0.400±0.010"
(10.16)
.020±0.002"
(0.51)
MIN
MECHANICAL
10 11 12
1 2 3
24 23 22
15 14 13
MATERIAL: Units are encapsulated in Iso-
ThermoFlex
, a low thermal resistance molding com-
pound which has excellent chemical resistance, wide
operating temperature range, and good electrical proper-
ties under high humidity environments. The encapsulant
and outer shell of the unit have UL94V-0 ratings. Lead
material is brass with a solder plated surface to allow ease
of solderability.
Notes:
All dimensions are in inches (millimeters).
GRID: 0.100 inches (2.54 millimeters)
PIN PLACEMENT TOLERANCE: ± 0.015"
Marked with: specific model ordered, date code,
job code.
PIN #
SINGLES
DUALS
1
+VIN
+VIN
2
NC
–VOUT
3
NC
Common
10
–VOUT
Common
11
+VOUT
+VOUT
12
–VIN
–VIN
13
–VIN
–VIN
14
+VOUT
+VOUT
15
–VOUT
Common
22
NC
Common
23
NC
–VOUT
24
+VIN
+VIN


Similar Part No. - PWR1102

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR1102C MURATA-PS-PWR1102C Datasheet
146Kb / 4P
1.5 Watt Unregulated Dual-in-Line DC/DC Converter
More results

Similar Description - PWR1102

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL01U CANDD-HL01U Datasheet
54Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
HL02U CANDD-HL02U Datasheet
53Kb / 4P
2 WATT UNREGULATED DC/DC CONVERTER
LP02U CANDD-LP02U Datasheet
64Kb / 2P
UNREGULATED 2.25 WATT DUAL-IN-LINE DC/DC CONVERTER
PWR13XX CANDD-PWR13XX Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR1546A CANDD-PWR1546A Datasheet
241Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
PWR1726A CANDD-PWR1726A Datasheet
338Kb / 4P
1.5 WATT UNREGULATED DC/DC CONVERTER
PWR60XX CANDD-PWR60XX Datasheet
149Kb / 4P
1.8 WATT UNREGULATED DC/DC CONVERTER
PWR70XX CANDD-PWR70XX Datasheet
121Kb / 4P
5 WATT UNREGULATED DC/DC CONVERTER
logo
Murata Power Solutions ...
HL01U MURATA-PS-HL01U Datasheet
99Kb / 4P
1 WATT UNREGULATED DC/DC CONVERTER
PWR1100C MURATA-PS-PWR1100C Datasheet
146Kb / 4P
1.5 Watt Unregulated Dual-in-Line DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com