Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS540 Datasheet(PDF) 1 Page - Motorola, Inc

Part # 74LS540
Description  OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS540 Datasheet(HTML) 1 Page - Motorola, Inc

  74LS540 Datasheet HTML 1Page - Motorola, Inc 74LS540 Datasheet HTML 2Page - Motorola, Inc 74LS540 Datasheet HTML 3Page - Motorola, Inc 74LS540 Datasheet HTML 4Page - Motorola, Inc 74LS540 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-568
FAST AND LS TTL DATA
OCTAL BUFFER/LINE DRIVER
WITH 3-STATE OUTPUTS
The SN54/ 74LS540 and SN54 / 74LS541 are octal buffers and line drivers
with the same functions as the LS240 and LS241, but with pinouts on the
opposite side of the package.
These device types are designed to be used as memory address drivers,
clock drivers and bus-oriented transmitters / receivers. These devices are
especially useful as output ports for the microprocessors, allowing ease of
layout and greater PC board density.
• Hysteresis at Inputs to Improve Noise Margin
• PNP Inputs Reduce Loading
• 3-State Outputs Drive Bus Lines
• Inputs and Outputs Opposite Side of Package, Allowing Easier
Interface to Microprocessors
• Input Clamp Diodes Limit High-Speed Termination Effects
LOGIC AND CONNECTION DIAGRAMS DIP (TOP VIEW)
18
17
16 15 14 13
1
2
3
4
5
6
7
20 19
8
VCC
9
10
GND
12
11
SN54 / 74LS540
SN54 / 74LS541
18
17
16 15 14 13
1
2
3
4
5
6
7
20 19
8
VCC
9
10
GND
12
11
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54
74
– 12
– 15
mA
IOL
Output Current — Low
54
74
12
24
mA
SN54/74LS540
SN54/74LS541
OCTAL BUFFER / LINE DRIVER
WITH 3-STATE OUTPUTS
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXDW SOIC
20
1
J SUFFIX
CERAMIC
CASE 732-03
20
1
N SUFFIX
PLASTIC
CASE 738-03
20
1
DW SUFFIX
SOIC
CASE 751D-03


Similar Part No. - 74LS540

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS540 ONSEMI-74LS540 Datasheet
75Kb / 3P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
74LS540 TI-74LS540 Datasheet
169Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
SYC Electronica
74LS540-1 SYC-74LS540-1 Datasheet
208Kb / 3P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74LS540

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com