Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR72 Datasheet(PDF) 1 Page - C&D Technologies

Part # PWR72
Description  3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

PWR72 Datasheet(HTML) 1 Page - C&D Technologies

  PWR72 Datasheet HTML 1Page - C&D Technologies PWR72 Datasheet HTML 2Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PWR72 5/99 REV B
Page 1
FEATURES
Low Price
High Power Output: 3 Watts
Wide Input Voltage Range: 5VDC To 22VDC
Isolation Barrier 100% Tested Per UL544, VDE750,
and CSA C22.2 Dielectric Withstand
Isolation Barrier Leakage Current 100% Tested At
240VAC: 3µA Max
Low Isolation Barrier Capacitance: 10pF
Single-Channel; Dual Output
Six-Sided Shielding
DESCRIPTION
The PWR72 is a 3W, single-channel, dual-output DC/DC
converter designed for low cost spot power conversion and
ground elimination applications.
It provides a plus and minus output voltage approximately
equal to the input voltage magnitude. The PWR72 operates
over a wide range of input voltages from 5VDC to 22VDC. Its
unregulated outputs give the PWR72 high efficiency power
conversion.
Surface-mounted devices and manufacturing processes are
used in the PWR72 to give the user a device which is more
environmentally rugged than most DC/DC converters. The use
of surface-mounted technologies also gives the PWR72 supe-
rior isolation voltage. A third advantage of using surface-
mounted technologies is low manufacturing cost.
3 WATT UNREGULATED
WIDE INPUT RANGE DC/DC CONVERTER
Product Data Sheet
PWR72
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
MECHANICAL
NOTES: All dimensions are in inches
(millimeters).
GRID: 0.100 inches (2.54 millimeters)
Marked with: specific model ordered, date
code, job code.
MATERIAL: Units are encapsulated in
a low thermal resistance molding
compound which has excellent
chemical resistance, wide operating
temperature range, and good electrical
properties under high humidity
environments. Lead material is brass
with a solder plated surface to allow
ease of solderability.


Similar Part No. - PWR72

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results

Similar Description - PWR72

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR12XX CANDD-PWR12XX Datasheet
452Kb / 4P
3 WATT UNREGULATED DC/DC CONVERTERS
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
RSG Electronic Componen...
EC3A01 RSG-EC3A01 Datasheet
671Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AB11 RSG-EC3AB11 Datasheet
766Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
EC3AW01 RSG-EC3AW01 Datasheet
940Kb / 1P
3 WATT WIDE INPUT DC-DC CONVERTERS
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
Isolated Wide Input Range 15-Watt DC/DC Converters
logo
CINCON ELECTRONICS Corp...
EC3SA CINCON-EC3SA Datasheet
162Kb / 2P
3 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com