Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM3365 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # RCM3365
Description  C-Programmable Core Module with NAND Flash Mass Storage and Ethernet
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RCM3365 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button RCM3365 Datasheet HTML 35Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 36Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 37Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 38Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 39Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 40Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 41Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 42Page - List of Unclassifed Manufacturers RCM3365 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 165 page
background image
User’s Manual
33
4.1.1 Memory I/O Interface
The Rabbit 3000 address lines (A0–A18) and all the data lines (D0–D7) are routed
internally to the onboard flash memory and SRAM chips. I/0 write (/IOWR) and I/0 read
(/IORD) are available for interfacing to external devices—pay attention to the loading on
these two signals if you use them since these signals are also used by the RCM3365/
RCM3375.
Parallel Port A can also be used as an external I/O data bus to isolate external I/O from the
main data bus. Parallel Port B pins PB2–PB7 can also be used as an auxiliary address bus.
When using the external I/O bus for a digital output or the LCD/keypad module on the
Prototyping Board, or for any other reason, you must add the following line at the begin-
ning of your program.
#define PORTA_AUX_IO
// required to enable external I/O bus
4.1.2 Other Inputs and Outputs
The status, /RESET_IN, SMODE0, and SMODE1 I/O are normally associated with the
programming port. Since the status pin is not used by the system once a program has been
downloaded and is running, the status pin can then be used as a general-purpose CMOS
output. The programming port is described in more detail in Section 4.2.3.
/RES is an output from the reset circuitry that can be used to reset external peripheral
devices.
4.1.3 LEDs
The RCM3365/RCM3375 has five status LEDs located beside the RJ-45 Ethernet jack:
ACT
, LINK, SPEED, FM, and USR.
The yellow ACT LED at DS1 indicates network activity.
The green LINK LED at DS2 indicates that the RCM3365/RCM3375 is connected to a
working network.
The green SPEED LED at DS4 is on to indicate when the RCM3365/RCM3375 is con-
nected to a 100Base-T Ethernet connection.
The FM LED at DS3 blinks when data are being written to or read from the flash mass-
storage device.
The red USR LED at DS3 is a user-programmable LED, which is controlled by PD0 on
the Rabbit 3000’s Parallel Port D. The sample program FLASHLED.C provided in the
Dynamic C SAMPLES\RCM3360 folder shows how to set up and use this user-
programmable LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com