Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02C1001KP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 02C1001KP
Description  NTC Thermistors Coated
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

02C1001KP Datasheet(HTML) 3 Page - Vishay Siliconix

  02C1001KP Datasheet HTML 1Page - Vishay Siliconix 02C1001KP Datasheet HTML 2Page - Vishay Siliconix 02C1001KP Datasheet HTML 3Page - Vishay Siliconix 02C1001KP Datasheet HTML 4Page - Vishay Siliconix 02C1001KP Datasheet HTML 5Page - Vishay Siliconix 02C1001KP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 33003
Revision 22-Sep-04
www.vishay.com
106
M, C, T
Vishay Dale
For technical questions, contact: thermistor1@vishay.com
DESCRIPTION OF THERMISTOR TOLERANCES
The many applications of thermistors have mandated the need for two basic tolerance schemes for these products - Curve
Tracking and Point Match Thermistors. An example of the resistance tolerance at various temperatures for the two different
tolerancing methods is described in the following graph:
CURVE TRACKING TOLERANCE
Thermistors are calibrated at the high temperature of the curve track range and then final tested at the low temperature of the
curve track range. This ensures that the thermistor will meet the specified temperature accuracy at every temperature within
the desired temperature range. Several temperature ranges are available and the accuracy of the thermistor may be ± 0.2 °C,
± 0.5 °C, and ± 1.0 °C. The Curve Tracking temperature ranges and their code designators are shown in Figure 1 and Table 1.
To specify, add the appropriate suffix from the following table to the part number.
Example: 1M1002-B3 = Curve 1, 10 kilohms at + 25 °C, curve tracking to ± 0.5 °C from 0 °C to + 70 °C
TOLERANCES AVAILABLE FOR TYPE M, C AND T THERMISTORS
TEMPERATURE (
°C)
± 5 % POINT MATCH CURVE
± 1 °C CURVE TRACK CURVE
25
°C
10
9
8
7
6
5
4
3
2
1
0
A2
A8
A3
A5
A4
STANDARD ELECTRICAL SPECIFICATIONS FOR CURVE TRACKING THERMISTORS
TEMP. RANGE
0
°C to + 70 °C
- 20
°C to + 50 °C0 °C to + 100 °C
25
°C to + 90 °C0 °C to + 50 °C
TOLERANCE
± 1 °C ± 0.5 °C ± 0.2 °C ± 1 °C ± 0.5 °C ± 0.2 °C ± 1 °C ± 0.5 °C ± 0.2 °C ± 1 °C ± 0.5 °C ± 0.2 °C ± 1 °C ± 0.5 °C ± 0.2 °C
PART NO. SUFFIX
- A3
- B3
- C3
- A2
- B2
- C2
- A4
- B4
- C4
- A5
- B5
- C5
- A8
- B8
- C8
C
1
X
X
X
X
XX
X
X
N/A
X
X
XX
X
X
U
2
X
X
X
X
XX
X
X
N/A
X
X
XX
X
X
R
4
X
X
X
X
XX
X
X
N/A
X
X
XX
X
X
V
8
X
X
X
X
XX
X
X
N/A
X
X
XX
X
X
E
9
X
X
X
X
XX
X
X
N/A
X
X
XX
X
X
NTC Thermistors, Coated



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com