Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LS569A Datasheet(PDF) 6 Page - Motorola, Inc

Part # 74LS569A
Description  FOUR-BIT UP/DOWN COUNTER WITH THREE-STATE OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

74LS569A Datasheet(HTML) 6 Page - Motorola, Inc

  74LS569A Datasheet HTML 1Page - Motorola, Inc 74LS569A Datasheet HTML 2Page - Motorola, Inc 74LS569A Datasheet HTML 3Page - Motorola, Inc 74LS569A Datasheet HTML 4Page - Motorola, Inc 74LS569A Datasheet HTML 5Page - Motorola, Inc 74LS569A Datasheet HTML 6Page - Motorola, Inc 74LS569A Datasheet HTML 7Page - Motorola, Inc 74LS569A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5-578
FAST AND LS TTL DATA
SN54/74LS569A
AC SETUP REQUIREMENTS (TA = 25°C, VCC = 5.0 V)
Symbol
Parameter
Limits
Unit
Test Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock Pulse Width (Low)
20
ns
VCC = 5.0 V
ts
Setup Time, A, B, C, D
20
ns
VCC = 5.0 V
ts
Setup Time, SCLR
20
ns
VCC = 5.0 V
ts
Setup Time, LOAD
25
ns
VCC = 5.0 V
ts
Setup Time, U/D
30
ns
VCC = 5.0 V
ts
Setup Time, CET, CEP
20
ns
th
Hold Time, Any Inputs
0
ns
trec
ACLR
15
ns
MICROPROGRAMMABLE DUAL-EVENT 8-BIT COUNTERS
CP
LOAD1 U/D1 COUNT1
ACLR1
OE1
LOAD2 U/D2 COUNT2
ACLR2
OE2
8-BIT BUS
U/D
LOAD
CET
CEP
ACLR
OE
RCO
A-D
YA-D
4
4
4
4
4
4
4
4
8
8
CP
U/D
LOAD
CET
CEP
ACLR
OE
A-D
YA-D
CP
U/D
LOAD
CET
CEP
ACLR
OE
RCO
A-D
YA-D
CP
U/D
LOAD
CET
CEP
ACLR
OE
A-D
YA-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com