Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LS682 Datasheet(PDF) 5 Page - Motorola, Inc

Part # SN54LS682
Description  8-BIT MAGNITUDE COMPARATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS682 Datasheet(HTML) 5 Page - Motorola, Inc

  SN54LS682 Datasheet HTML 1Page - Motorola, Inc SN54LS682 Datasheet HTML 2Page - Motorola, Inc SN54LS682 Datasheet HTML 3Page - Motorola, Inc SN54LS682 Datasheet HTML 4Page - Motorola, Inc SN54LS682 Datasheet HTML 5Page - Motorola, Inc SN54LS682 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-607
FAST AND LS TTL DATA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. 751D01, AND 02 OBSOLETE, NEW STANDARD
751D03.
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
12.65
7.40
2.35
0.35
0.50
0.25
0.10
0°
10.05
0.25
12.95
7.60
2.65
0.49
0.90
0.32
0.25
7°
10.55
0.75
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0°
0.395
0.010
0.510
0.299
0.104
0.019
0.035
0.012
0.009
7°
0.415
0.029
1.27 BSC
0.050 BSC
-A-
-B-
P
10 PL
1
10
11
20
G
-T-
D 20 PL
K
C
SEATING
PLANE
R X 45
°
M
F
J
Case 751D-03 DW Suffix
20-Pin Plastic
SO-20 (WIDE)
B
0.25 (0.010) M
M
T
0.25 (0.010)
B
A
M
S
S
Case 732-03 J Suffix
20-Pin Ceramic Dual In-Line
NOTES:
1. LEADS WITHIN 0.25 mm (0.010) DIA., TRUE
POSITION AT SEATING PLANE, AT MAXIMUM
MATERIAL CONDITION.
2. DIM L TO CENTER OF LEADS WHEN FORMED
PARALLEL.
3. DIM A AND B INCLUDES MENISCUS.
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
23.88
6.60
3.81
0.38
1.40
0.51
0.20
3.18
25.15
7.49
5.08
0.56
1.65
1.27
0.30
4.06
0°
0.25
0.940
0.260
0.150
0.015
0.055
0.020
0.008
0.125
0.990
0.295
0.200
0.022
0.065
0.050
0.012
0.160
15°
1.02
2.54 BSC
7.62 BSC
0.100 BSC
0.300 BSC
A
B
C
D
F
G
H
J
K
L
M
N
0°
0.010
15°
0.040
B
C
D
G
H
J
M
N
A
L
20
11
1
10
SEATING
PLANE
K
F
Case 738-03 N Suffix
20-Pin Plastic
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
25.66
6.10
3.81
0.39
1.27
0.21
2.80
27.17
6.60
4.57
0.55
1.77
0.38
3.55
0°
0.51
1.010
0.240
0.150
0.015
0.050
0.008
0.110
1.070
0.260
0.180
0.022
0.070
0.015
0.140
15°
1.01
1.27 BSC
2.54 BSC
7.62 BSC
0.050 BSC
0.100 BSC
0.300 BSC
A
B
C
D
E
F
G
J
K
L
M
N
0°
0.020
15°
0.040
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L" TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION B" DOES NOT INCLUDE MOLD
FLASH.
5. 73802 OBSOLETE, NEW STANDARD 73803.
-A-
B
C
K
N
E
G
F
D 20 PL
J
20 PL
L
M
-T-
SEATING
PLANE
1
10
11
20
T A
0.25 (0.010) M
M
T B
0.25 (0.010) M
M



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com