Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFC02R Datasheet(PDF) 1 Page - C&D Technologies

Part # WFC02R
Description  2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WFC02R Datasheet(HTML) 1 Page - C&D Technologies

  WFC02R Datasheet HTML 1Page - C&D Technologies WFC02R Datasheet HTML 2Page - C&D Technologies WFC02R Datasheet HTML 3Page - C&D Technologies WFC02R Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WFC02R 11/98 REV B
Page 1
DESCRIPTION
The WFC02R is a family of high performance DC/DC converters
that offers regulated outputs over input voltage ranges of 9-36V
and 18-72V while offering a wide operating temperature range
of -40°C to +85°C without derating.
Each WFC02R contains input filtering to minimize conducted
noise. The design utilizes surface mounted components, including
magnetics, to provide enhanced reliability.
The converter is designed to meet the requirements of EN60950
with the “L” pinout having 1,500 VDC isolation. All WFC02R
converters are designed to withstand input voltage transients to
200% of nominal input voltage. An additional feature is the ability
of the WFC02R to drive high capacitive loads.
FEATURES
! Low Cost, High Performance
! Small DIP Package
! Full Power to +85°C
! Extended Temperature Range: -40°C to +85°C
! Industry Standard Pinouts
! Full Short Circuit Protection
! High Capacitive Loading Capability
! Protected Against High Input Voltage
Internet: http://www.cdpowerelectronics.com
Power Electronics Division, United States
3400 E Britannia Drive, Tucson, Arizona 85706
Phone: 800.547.2537
Fax: 520.770.9369
Power Electronics Division, Europe
C&D Technologies (Power Electronics) Ltd.
132 Shannon Industrial Estate, Shannon, Co. Clare, Ireland
Tel: +353.61.474.133
Fax:+353.61.474.141
SIMPLIFIED CIRCUIT DIAGRAM
APPLICATIONS
! Telecommunications
! Battery Powered Systems
! Portable Instruments
! Process Control Equipment
! Transportation Equipment
! Distributed Power Systems
Product Data Sheet
2 WATT REGULATED
WIDE INPUT RANGE DC/DC CONVERTER
WFC02R


Similar Part No. - WFC02R

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WFC02R24D05LC MURATA-PS-WFC02R24D05LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R24D12LC MURATA-PS-WFC02R24D12LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R24D15LC MURATA-PS-WFC02R24D15LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R24S05LC MURATA-PS-WFC02R24S05LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02R24S12LC MURATA-PS-WFC02R24S12LC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results

Similar Description - WFC02R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HL02R CANDD-HL02R Datasheet
51Kb / 4P
2 WATT REGULATED DC/DC CONVERTER
WPC03R CANDD-WPC03R Datasheet
328Kb / 4P
3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC10R CANDD-WPC10R Datasheet
114Kb / 4P
2:1 WIDE INPUT RANGE DC/DC CONVERTER
logo
Wall Industries,Inc.
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
logo
Murata Power Solutions ...
HL02RYC MURATA-PS-HL02RYC Datasheet
128Kb / 3P
2 WATT REGULATED DC/DC CONVERTER
PWR72 MURATA-PS-PWR72 Datasheet
87Kb / 2P
3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTER
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
WPC03R MURATA-PS-WPC03R Datasheet
189Kb / 4P
3 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Wall Industries,Inc.
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com