Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPA60 Datasheet(PDF) 2 Page - C&D Technologies

Part # WPA60
Description  60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

WPA60 Datasheet(HTML) 2 Page - C&D Technologies

  WPA60 Datasheet HTML 1Page - C&D Technologies WPA60 Datasheet HTML 2Page - C&D Technologies WPA60 Datasheet HTML 3Page - C&D Technologies WPA60 Datasheet HTML 4Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
WPA60 REV A 5/2003
Product: www.cdpoweronline.com
SPECIFICATIONS,ALLMODELS
Specifications are at T
A = +25°C, Airflow = 300LFM (1.5m/s) at nominal input voltage unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Voltage Range
WPA60R48D315
36
48
75
VDC
Reflected Ripple Current
675
mApk-pk
INPUT CONTROL
Temperature Shutdown
PCB
120
°C
Temperature Hysteresis
5°C
Quiescent Standby Current
Vin = 48VDC
8
10
mA
Undervoltage Lockout
32.5
V
Undervoltage Shutdown
2V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION
Rated Voltage
2000
VDC
Resistance
10
M
Ω
Capacitance
1000
pF
Leakage Current
240 VAC
90
µArms
OUTPUT
Rated Power
60
W
Voltage Setpoint Accuracy
±1.5
%
Temperature Coefficient
±0.005
%/°C
Output Voltage
(Over all conditions of I/P voltage
V1
2
% of Nom
load & temperature)
v2
8
% of Nom
Ripple & Noise (NOTE 1)
BW = 5Hz to 20MHz
90
mVp-p
Output Adjust Range
Trim Up
10
%
Trim Down
10
%
Short Circuit and
Overcurrent Protection
120
%
Max Capacitive Load
10,000
µF
Overvoltage Protection
15
%
GENERAL
Switching Frequency
350
KHz
MTTF per ML-HDBK-217
Circuit Stress Method
Ground Benign
TA = +25° Unmodified Database
1,000,000
Hr
Package Weight
30
g
TEMPERATURE
Operation/Specification
PCB Temperature
-40
+100
°C
Storage
PCBTemperature
-55
+125
°C
Shutdown Temperature
PCB Temperature
+120
°C
NOTE 1: Measured at 20 MHz bandwidth across a 6
µf multi layer ceramic capacitor located approximately 1” from output terminals.
SPECIFICATIONS
Specifications are at T
A = +25°C, Airflow = 300LFM (1.5m/s) at nominal input voltage unless otherwise specified.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com