Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3G5003R3SCKA Datasheet(PDF) 1 Page - International Rectifier

Part # M3G5003R3SCKA
Description  HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G5003R3SCKA Datasheet(HTML) 1 Page - International Rectifier

  M3G5003R3SCKA Datasheet HTML 1Page - International Rectifier M3G5003R3SCKA Datasheet HTML 2Page - International Rectifier M3G5003R3SCKA Datasheet HTML 3Page - International Rectifier M3G5003R3SCKA Datasheet HTML 4Page - International Rectifier M3G5003R3SCKA Datasheet HTML 5Page - International Rectifier M3G5003R3SCKA Datasheet HTML 6Page - International Rectifier M3G5003R3SCKA Datasheet HTML 7Page - International Rectifier M3G5003R3SCKA Datasheet HTML 8Page - International Rectifier M3G5003R3SCKA Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
09/12/12
www.irf.com
1
M3G-SERIES
Description
n Total Dose > 200 KRad(Si),
typically usable to > 300 KRad(Si)
n SEE Hardened up to 82 MeV.cm2/mg
n Low Weight, < 110 grams
n Low Input & Output Noise
n Magnetically Coupled Feedback
n 38V to 60V DC Input Range
n Up to 40W Output Power
n Single and Dual Output Models Include
3.3, 5, 12, 15,
±5, ±12 and ±15V
n High Efficiency - to 82%
n -55°C to +125°C Operating Temperature Range
n 100MΩ @ 500VDC Isolation
n Under-Voltage Lockout
n Short Circuit and Overload Protection
n Output Over Voltage Limiter
n Remote Sense on Single Output Models
n Adjustable Output Voltage for Duals
n Synchronization Input and Output
n External Inhibit
n > 5,000,000 Hour MTBF
Features
50V Input, Single/Dual Output
Applications
n Geostationary Earth Orbit Satellites (GEO)
Non-flight versions of the M3G-Series converters are
available for system development purposes. Variations
in electrical specifications and screening to meet custom
requirements can be accommodated.
The M3G-Series of DC-DC converters are radiation
hardened, high reliability converters designed for
extended operation in hostile environments. Their small
size and low weight make them ideal for applications
such as geostationary earth orbit satellites and deep
space probes. They exhibit a high tolerance to total
ionizing dose, single event effects and environmental
stresses such as temperature extremes, mechanical
shock, and vibration.
The converters incorporate a fixed frequency single
ended forward topology with magnetic feedback and
an internal EMI filter that utilizes multilayer ceramic
capacitors that are subjected to extensive lot screening
for optimum reliability. By using two stage filtering
these converters produce low input and output noise.
External inhibit and synchronization input and output
allow these converters to be easily incorporated into
larger power systems. They are enclosed in a hermetic
3" x 2" x 0.475" package constructed of an Aluminum-
Silicon-Carbide (AlSiC) base and an Alloy 48 ring frame
and they weigh less than 110 grams. The package
utilizes rugged ceramic feed-through copper core pins
and is sealed using parallel seam welding.
n Deep Space Satellites / Probes
n Strategic Weapons and Communication
Systems
M3G
HYBRID - HIGH RELIABILITY
RADIATION HARDENED
DC-DC CONVERTER
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing a DLA
Land and Maritime qualified processes. For available
screening options, refer to device screening table in the
data sheet.
PD-94558N


Similar Part No. - M3G5003R3SCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G5003R3S IRF-M3G5003R3S Datasheet
402Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G5003R3SCKA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R315T IRF-M3G7003R315T Datasheet
176Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com