Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS3953 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AS3953 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS3953 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
www.ams.com
Revision 1.0
8 - 42
AS3953
Datasheet - E le c t r i ca l C h a ra c t e r is t i c s
6.3 Electrical Specification
VP_SPI = 3.0 V, Temperature 25ºC unless noted otherwise
Symbol
Parameter
Min
Typ
Max
Units
Note
ISB_SPI
Standby consumption on VP_SPI
100
nA
@ 25ºC
VLIM
Limiter voltage
5.2
5.8
V
ILC = 30mA (DC)
IS
Supply current
250
µA
Internal supply current measured in
test mode on VREC, 13.56 MHz
alternative pulses with amplitude
2Vpp, negative peak at VSS, forced to
LC1 and LC2
VVP_REG
Regulated supply voltage
1.65
1.8
2.01
V
Set to 1.8V in EEPROM Configuration
word
VHF_PON
HF_PON threshold (rising VREG)
2.3
V
Guaranteed by design only
VPOR_HY
HF_PON hysteresis
0.8
V
VMOD
Modulator ON voltage drop
1.2
V
ILC = 1mA
2.6
ILC = 30mA
CR
Resonance capacitor for die
25.2
28
30.8
pF
Measured at 10MHz, 3.0Vpp (2.5Vpp)
Guaranteed by design
Resonance capacitor for MLPD package
38.2
31.3
34.4
Resonance capacitor for WL-CSP package
27
30
33
EEEN
EEPROM endurance
100 000
cycles
@ 125ºC
EERET
EEPROM retention
10
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com