Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT413US-T Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT413US-T
Description  ActivePSRTM Quasi-Resonant PWM Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT413US-T Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT413US-T Datasheet HTML 1Page - Active-Semi, Inc ACT413US-T Datasheet HTML 2Page - Active-Semi, Inc ACT413US-T Datasheet HTML 3Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
ActivePSR
TM is a trademark of Active-Semi.
ActivePSR
TM Quasi-Resonant PWM Controller
FEATURES
• Patented Primary Side Regulation
Technology
• Quasi-Resonant Operation
• Adjustable up to 85kHz Switching Frequency
• +/-5% Output Voltage Regulation
• Accurate OCP/OLP Protection
• Integrated Output Cord Compensation
• Integrated Line and Primary Inductance
Compensation
• Built-in Soft-Start Circuit
• Line Under-Voltage, Thermal, Output Over-
voltage, Output Short Protections
• Current Sense Resistor Short Protection
• Transformer Short Winding Protection
• Less than 100mW Standby Power
• Complies with Global Energy Efficiency and
CEC Average Efficiency Standards
• Tiny SOT23-6 Packages
APPLICATIONS
• AC/DC Adaptors/Chargers for Smart Phones,
iPADs, ADSL, PDAs, E-books
• Adaptors for Portable Media Player, DSCs,
and Other
GENERAL DESCRIPTION
The ACT413 is a high performance peak current
mode PWM controller which applies ActivePSRTM
and ActiveQRTM technology. ACT413 achieves
accurate voltage regulation without the need of an
opto-coupler or reference device.
The ACT413 is designed to achieve less than
100mW Standby Power. By applying frequency fold
back and
ActiveQR
TM
technology,
ACT413
exceeds the latest ES2.0 efficiency standard.
ACT413 integrates comprehensive protection. In
case of over temperature, over voltage, short
winding, short current sense resistor, open loop
and overload conditions, it would enter auto restart
mode including cycle-by-cycle current limiting.
ACT413 is to achieve no overshoot and very short
rise time even with big capacitive load (4000µF)
with the built-in fast and soft start process, .
The Quasi-Resonant (QR) operation mode can
effectively improve efficiency, reduce the EMI noise
and further reduce the components in input filter.
ACT413 is idea for application up to 36 Watt.
Figure 1:
Simplified Application Circuit
ACT413
Product Brief, 10-Mar-14


Similar Part No. - ACT413US-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT413US-T ACTIVE-SEMI-ACT413US-T Datasheet
151Kb / 3P
ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
More results

Similar Description - ACT413US-T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
Active-Semi, Inc
ACT413US-T ACTIVE-SEMI-ACT413US-T Datasheet
151Kb / 3P
ActivePSRTM Quasi-Resonant PWM Controller
10-Mar-14
ACT410 ACTIVE-SEMI-ACT410_14 Datasheet
301Kb / 16P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 3, 27-Feb-14
EA411US ACTIVE-SEMI-EA411US Datasheet
383Kb / 15P
ActivePSRTM Quasi-Resonant PWM Controller
Rev 4, 27-Feb-14
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com