Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP330E Datasheet(PDF) 2 Page - Exar Corporation

Part # SP330E
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP330E Datasheet(HTML) 2 Page - Exar Corporation

  SP330E Datasheet HTML 1Page - Exar Corporation SP330E Datasheet HTML 2Page - Exar Corporation SP330E Datasheet HTML 3Page - Exar Corporation SP330E Datasheet HTML 4Page - Exar Corporation SP330E Datasheet HTML 5Page - Exar Corporation SP330E Datasheet HTML 6Page - Exar Corporation SP330E Datasheet HTML 7Page - Exar Corporation SP330E Datasheet HTML 8Page - Exar Corporation SP330E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SP330E
2
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
REV. 1.0.0
CAUTION:
ESD (ElectroStatic Discharge) sensitive device. Permanent damage may occur on unconnected devices
subject to high energy electrostatic fields. Unused devices must be stored in conductive foam or shunts.
Personnel should be properly grounded prior to handling this device. The protective foam should be
discharged to the destination socket before devices are removed.
ESD PROTECTION
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those
indicated in the operation sections to the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability and cause permanent damage to the device.
Supply Voltage VCC
-0.3V to +6.0V
Logic Interface Voltage VL
VL VCC
Voltage at TTL Input Pins
-0.3V to +6.0V
Receiver Input Voltage (from Ground)
±18V
Driver Output Voltage (from Ground)
±18V
Short Circuit Duration, TX out to Ground
Continuous
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Power Dissipation 24-pin TSSOP
(derate 26.0mW/°C above +70°C)
900mW
MIN.
TYP.
MAX.
UNITS
TX Output & RX Input Pins
±15
kV
IEC 61000-4-2 Airgap
± 8
kV
IEC 61000-4-2 Contact
±15
kV
Human Body Model (HBM)
All Other Pins
± 3
kV
Human Body Model (HBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com