Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2607 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2607
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISITOR TYPE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2607 Datasheet(HTML) 2 Page - California Eastern Labs

  PS2607 Datasheet HTML 1Page - California Eastern Labs PS2607 Datasheet HTML 2Page - California Eastern Labs PS2607 Datasheet HTML 3Page - California Eastern Labs PS2607 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS2607, PS2608, PS2607L, PS2608L
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current (DC)
mA
80
PD
Power Dissipation
mW
150
IF (Peak)
Peak Forward Current
A
1
PW = 100
µs, Duty Cycle 1%
Transistor
VCEO
Collector to Emitter Voltage
V
40
VECO
Emitter to Collector Voltage
V
6
IC
Collector Current
mA
200
PC
Power Dissipation
mW
200
Coupled
BV
Isolation Voltage2
Vr.m.s.
5000
TSTG
Storage Temperature
°C
-55 to +150
TOP
Operating Temperature
°C
-55 to +100
OUTLINE DIMENSIONS (Units in mm)
PS2607, PS2608
PS2607L, PS2608L
PIN CONNECTIONS (Top View)
PS2607, PS2607L
PS2608, PS2608L
1.
Anode, Cathode
2.
Cathode, Anode
3.
NC
4.
Emitter
5.
Collector
6.
Base
1.
Anode, Cathode
2.
Cathode, Anode
3.
NC
4.
Emitter
5.
Collector
6.
NC
64
1
3
φ 1
2.54
MAX
0.50 ± 0.10
1.34
3.8
MAX
7.62
6.5
0 to 15˚
10.16 MAX
0.25 M
2.54
10.16 MAX
64
13
φ 1
7.62
6.5
0.9± 0.25
9.60 ± 0.4
2.54
MAX
1.34 ± 0.10
0.25 M
2.54
65
4
12
3
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input
(Pins No. 1, 2, 3 Common) and output (Pins No. 4, 5, 6 Common).
65
4
12
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com