Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2605 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS2605
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2605 Datasheet(HTML) 2 Page - California Eastern Labs

  PS2605 Datasheet HTML 1Page - California Eastern Labs PS2605 Datasheet HTML 2Page - California Eastern Labs PS2605 Datasheet HTML 3Page - California Eastern Labs PS2605 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS2605, PS2605L, PS2606, PS2606L
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
IF
Forward Current (DC)
mA
80
PD
Power Dissipation
mW
150
IF (PEAK)
Peak Forward Current
A
1
(PW = 100
µs, Duty Cycle 1%)
Transistor
VCEO
Collector to Emitter Voltage
V
80
VECO
Emitter to Collector Voltage
V
7
IC
Collector Current
mA
50
PC
Power Dissipation
mW
150
Coupled
BV
Isolation Voltage2
Vr.m.s.
5000
TSTG
Storage Temperature
°C
-55 to +150
TOP
Operating Temperature
°C
-55 to +100
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. AC voltage for 1 minute at TA = 25
° C, RH = 60% between input
(Pin No. 1, 2, 3 common) and output (Pin No. 4, 5, 6 common).
TYPICAL PERFORMANCE CURVES (TA = 25°)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Forward Voltage, VF (V)
Forward Voltage, VCE (V)
200
150
100
50
0
25
50
75
100
TA = 100 ˚C
75 ˚C
50 ˚C
25 ˚C
0 ˚C
-25 ˚C
-55 ˚C
100
10
1
0.1
0.01
0.6
0.8
1.0
1.2
1.4
1.6
80
60
40
20
0
-20
-40
-60
-80
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
FORWARD CURRENT
vs. FORWARD VOLTAGE
200
150
100
50
0
25
50
75
100
Ambient Temperature, TA (
°C)
FORWARD CURRENT vs.
FORWARD VOLTAGE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com