Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4012ERW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # C4012ERW
Description  C4000ERW SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

C4012ERW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  C4012ERW Datasheet HTML 1Page - MicroPower Direct, LLC C4012ERW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Notes:
• All dimensions are typical
in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple,it is recommended that an external 10.0 µF ceramic capacitor
be placed from the +Vout pin to the -Vout pin. For noise sensitive applications, the use of
47 µF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to
100%.
3. The Remote On/Off Control input (Pin 3) is referenced to -Vin (Pin 1). Connection to the
pin should be made through a 1k
resistor and diode (1N4148). If it is not used, the
control pin should be left open.
4. Operation at no-load will not damage these units. However, they may not meet all specifica-
tions.
5. The +sense and -sense connections will compensate for up to 5% of Vout. When not used,
they should be connected directly to the appropriate output pin (+sense to +Vout and -sense
to -Vout).
6. To improve performance and stability, a simple external LC filter can be added to the unit
input.Typical component values would be 1.0 µH/10A & 1,000 µF/25V for 12V input models;
2.2 µH/10A & 1,000 µF/50V for 24V input models; and 74.7 µH/5A & 1,000 µF/100V for 48V
input models.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the
table above for the correct rating.
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
A simple external circuit may be used to adjust the converter
output. To adjust the output DOWN, connect a 5%, 3W resistor
between the plus output pin and the Vout trim pin. To adjust the
output UP, connect a 5%, 3W resistor between the minus output
pin and the Vout trim pin. To calculate the correct resistor value
(in k
) use:
3.3 V
OUT
UP
R
ADJ
=
(VOUT - 1.24) x (2.87)
- 10
VADJ - VOUT
OtherV
OUT
UP
R
ADJ
=
(VOUT - 2.5) x (2.87)
- 10
VADJ - VOUT
3.3 V
OUT
Down R
ADJ
=
(VADJ - 1.24) (VOUT - 1.24) x 2.87
- 10
VOUT - VADJ
OtherV
OUT
Down R
ADJ
=
(VADJ - 2.5) (VOUT - 2.5) x 2.87
- 10
VOUT - VADJ
For UP/Down trimming capability, connect a 10 kW potentiometer
between the plus and minus outputs with the wiper arm con-
nected to the Vout trim pin.
Pin
Single
Pin
Single
1
+Vin
6
+Sense
2
-Vin
7
+Vout
4
ON/OFF
8
-Vout
5
-Sense
9
Trim
Pin Connections
Model
Number
Input
Output
Efficiency
(%, Typ)
Capaci-
tive
Load
(µF Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
C4001ERW
12
9.0 - 18.0
2,558
20
3.3
8,000
400.0
86
21,000
5,000
C4002ERW
12
9.0 - 18.0
3,876
20
5.0
8,000
400.0
86
13,600
5,000
C4003ERW
12
9.0 - 18.0
3,876
20
12.0
3,300
165.0
86
2,360
5,000
C4004ERW
12
9.0 - 18.0
3,831
20
15.0
2,666
133.0
87
1,510
5,000
C4011ERW
24
18.0 - 36.0
1,264
15
3.3
8,000
400.0
87
21,000
3,000
C4012ERW
24
18.0 - 36.0
1,873
15
5.0
8,000
400.0
89
13,600
3,000
C4013ERW
24
18.0 - 36.0
1,894
15
12.0
3,300
165.0
88
2,360
3,000
C4014ERW
24
18.0 - 36.0
1,873
15
15.0
2,666
133.0
88
1,510
3,000
C4021ERW
48
36.0 - 75.0
625
10
3.3
8,000
400.0
88
21,000
1,500
C4022ERW
48
36.0 - 75.0
926
10
5.0
8,000
400.0
90
13,600
1,500
C4023ERW
48
36.0 - 75.0
926
10
12.0
3,300
165.0
90
2,360
1,500
C4024ERW
48
36.0 - 75.0
926
10
15.0
2,666
133.0
90
1,510
1,500
Mechanical Dimensions
External Trim
Derating Curves
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com