Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA500RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA500RW
Description  MA500RW SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA500RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA500RW Datasheet HTML 1Page - MicroPower Direct, LLC MA500RW Datasheet HTML 2Page - MicroPower Direct, LLC MA500RW Datasheet HTML 3Page - MicroPower Direct, LLC MA500RW Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with the output being tested at 100% load while the other output
is varied from 25% to 100% load.
2. See the typical connection circuit on page three for typical external filtering components. For help with a
specific model or layout issue, contact the factory.
3. Isolation voltage is specified for Input to output. On units with the optional metal case, the isolation voltage
for Input - Case and Output - Case is 1,000 VDC.
4. Operation at no-load will not damage the unit,but they may not meet all specifications.To meet all specifica-
tions, a minimum load of 25% should be maintained.
5. It is recommended that a fuse be used on the input of a power supply for protection.See the Model Selection
table above for the correct rating.
Model
Number
Input
Output
Efficiency
(%, Typ)
Reflected
Ripple
Current
(mA Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA512S-05RW-xx
12
9.0 - 18.0
563
20
5.0
1,000.0
250.0
74
35.0
2,200
1,000
MA512S-09RW-xx
12
9.0 - 18.0
541
20
9.0
555.0
139.0
77
35.0
470
1,000
MA512S-12RW-xx
12
9.0 - 18.0
534
20
12.0
417.0
104.0
78
35.0
470
1,000
MA512S-15RW-xx
12
9.0 - 18.0
534
20
15.0
333.0
83.0
78
35.0
470
1,000
MA512S-24RW-xx
12
9.0 - 18.0
556
20
24.0
208.0
52.0
75
35.0
220
1,000
MA512D-05RW-xx
12
9.0 - 18.0
579
20
±5.0
±500.0
±125.0
72
35.0
±1,000
1,000
MA512D-09RW-xx
12
9.0 - 18.0
548
20
±9.0
±278.0
±70.0
76
35.0
±220
1,000
MA512D-12RW-xx
12
9.0 - 18.0
541
20
±12.0
±208.0
±52.0
77
35.0
±220
1,000
MA512D-15RW-xx
12
9.0 - 18.0
541
20
±15.0
±167.0
±42.0
77
35.0
±220
1,000
MA512D-24RW-xx
12
9.0 - 18.0
548
20
±24.0
±104.0
±26.0
76
35.0
±100
1,000
MA524S-05RW-xx
24
18.0 - 36.0
278
12
5.0
1,000.0
250.0
75
35.0
2,200
500
MA524S-09RW-xx
24
18.0 - 36.0
274
12
9.0
555.0
139.0
76
35.0
470
500
MA524S-12RW-xx
24
18.0 - 36.0
271
12
12.0
417.0
104.0
77
35.0
470
500
MA524S-15RW-xx
24
18.0 - 36.0
267
12
15.0
333.0
83.0
78
35.0
470
500
MA524S-24RW-xx
24
18.0 - 36.0
274
12
24.0
208.0
52.0
76
35.0
220
500
MA524D-05RW-xx
24
18.0 - 36.0
282
12
±5.0
±500.0
±125.0
74
35.0
±1,000
500
MA524D-09RW-xx
24
18.0 - 36.0
274
12
±9.0
±278.0
±70.0
76
35.0
±220
500
MA524D-12RW-xx
24
18.0 - 36.0
267
12
±12.0
±208.0
±52.0
78
35.0
±220
500
MA524D-15RW-xx
24
18.0 - 36.0
267
12
±15.0
±167.0
±42.0
78
35.0
±220
500
MA524D-24RW-xx
24
18.0 - 36.0
278
12
±24.0
±104.0
±26.0
75
35.0
±100
500
MA548S-05RW-xx
48
36.0 - 72.0
135
8
5.0
1,000.0
250.0
77
35.0
2,200
250
MA548S-09RW-xx
48
36.0 - 72.0
134
8
9.0
555.0
139.0
78
35.0
470
250
MA548S-12RW-xx
48
36.0 - 72.0
130
8
12.0
417.0
104.0
80
35.0
470
250
MA548S-15RW-xx
48
36.0 - 72.0
130
8
15.0
333.0
83.0
80
35.0
470
250
MA548S-24RW-xx
48
36.0 - 72.0
135
8
24.0
208.0
52.0
77
35.0
220
250
MA548D-05RW-xx
48
36.0 - 72.0
137
8
±5.0
±500.0
±125.0
76
35.0
±1,000
250
MA548D-09RW-xx
48
36.0 - 72.0
134
8
±9.0
±278.0
±70.0
78
35.0
±220
250
MA548D-12RW-xx
48
36.0 - 72.0
134
8
±12.0
±208.0
±52.0
78
35.0
±220
250
MA548D-15RW-xx
48
36.0 - 72.0
130
8
±15.0
±167.0
±42.0
80
35.0
±220
250
MA548D-24RW-xx
48
36.0 - 72.0
135
8
±24.0
±104.0
±26.0
77
35.0
±100
250
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
Model Number
For the alternate pin-out (see page 4) , add suffix “P2” to model number
(i.e. MA524S-05RW-P2)
Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com