Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28HT64 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT28HT64
Description  64K-Bit CMOS PARALLEL E2PROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28HT64 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT28HT64 Datasheet HTML 1Page - Catalyst Semiconductor CAT28HT64 Datasheet HTML 2Page - Catalyst Semiconductor CAT28HT64 Datasheet HTML 3Page - Catalyst Semiconductor CAT28HT64 Datasheet HTML 4Page - Catalyst Semiconductor CAT28HT64 Datasheet HTML 5Page - Catalyst Semiconductor CAT28HT64 Datasheet HTML 6Page - Catalyst Semiconductor CAT28HT64 Datasheet HTML 7Page - Catalyst Semiconductor CAT28HT64 Datasheet HTML 8Page - Catalyst Semiconductor CAT28HT64 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT28HT64
8-41
Advanced
Stock No. 21064-04 2/98
D.C. OPERATING CHARACTERISTICS
VCC = 5V
±10%, unless otherwise specified. (Temperature 0˚C to 170˚C)
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
VCC Current (Operating, TTL)
30
mA
CE = OE = VIL,
f = 1/tRC min, All I/O’s Open
ICCC(1)
VCC Current (Operating, CMOS)
25
mA
CE = OE = VILC,
f = 1/tRC min, All I/O’s Open
ISB
VCC Current (Standby, TTL)
1
mA
CE = VIH, All I/O’s Open
ISBC(2)
VCC Current (Standby, CMOS)
300
µA
CE = VIHC,
All I/O’s Open
ILI
Input Leakage Current
–10
20
µAVIN = GND to VCC
ILO
Output Leakage Current
–10
20
µAVOUT = GND to VCC,
CE = VIH
VIH(2)
High Level Input Voltage
2
VCC +0.3
V
VIL(1)
Low Level Input Voltage
–0.3
0.8
V
VOH
High Level Output Voltage
2.4
V
IOH = –400
µA
VOL
Low Level Output Voltage
0.4
V
IOL = 2.1mA
VWI
Write Inhibit Voltage
3.5
V
Note:
(1) VILC = –0.3V to +0.3V.
(2) VIHC = VCC –0.3V to VCC +0.3V.
(3) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(4) Output shorted for no more than one second. No more than one output shorted at a time.
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +170°C
Storage Temperature ....................... –65
°C to +170°C
Voltage on Any Pin with
Respect to Ground(3) ........... –2.0V to +VCC + 2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(4) ........................ 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation
of the device at these or any other conditions outside of
those listed in the operational sections of this specifica-
tion is not implied. Exposure to any absolute maximum
rating for extended periods may affect device perfor-
mance and reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com