Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBB501R2SCKA Datasheet(PDF) 7 Page - International Rectifier

Part # SBB501R2SCKA
Description  HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SBB501R2SCKA Datasheet(HTML) 7 Page - International Rectifier

Back Button SBB501R2SCKA Datasheet HTML 3Page - International Rectifier SBB501R2SCKA Datasheet HTML 4Page - International Rectifier SBB501R2SCKA Datasheet HTML 5Page - International Rectifier SBB501R2SCKA Datasheet HTML 6Page - International Rectifier SBB501R2SCKA Datasheet HTML 7Page - International Rectifier SBB501R2SCKA Datasheet HTML 8Page - International Rectifier SBB501R2SCKA Datasheet HTML 9Page - International Rectifier SBB501R2SCKA Datasheet HTML 10Page - International Rectifier SBB501R2SCKA Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.irf.com
7
SBB SERIES
Single Output
Block Diagram
Input Filter
High-Side
Gate Drive
UVLO
PWM
High-Side
Switch
Low-Side
Switch
Output
Filter
Low-side
Gate drive
Current
Controller
Enable
Interface
Voltage
Controller
Sync.
Interface
Clock
Generator
Current
Sense
Power OK
Sense
Output
+Sense
Vadjust
Input
Enable
Sync. In
POK
Sync. Out
10
Case
Input
Return
8
9
11
12
3
5
Output
Return
6
7
4
Output
2
1
Fig 1: Typical Efficiency @-55°C - 1.2V Output (For Part Number SBB501R2S)
Typical Efficiency at -55 Degrees C, 1.2V Output
SBB501R2S
50%
55%
60%
65%
70%
75%
80%
85%
01
2345
678
9
10
11
12
13
14
Output Current, A
Vin = 4.5V
Vin = 5.0V
Vin = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com