Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DO-41 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # DO-41
Description  Silicon 2 Watt Zener Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

DO-41 Datasheet(HTML) 2 Page - Microsemi Corporation

  DO-41 Datasheet HTML 1Page - Microsemi Corporation DO-41 Datasheet HTML 2Page - Microsemi Corporation DO-41 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon 2 Watt Zener Diode
S C O T TS DALE DIVISION
2EZ3.6D5 thru 2EZ200D5, e3
ELECTRICAL CHARACTERISTICS @ 25oC
NOMINAL ZENER
VOLTAGE
(Note 2)
MAXIMUM ZENER IMPEDANCE
(Note 3)
MAXIMUM
REVERSE
CURRENT
MAXIMUM
RATED
ZENER
CURRENT
@ 100
oC
MAXIMUM
SURGE
CURRENT
(Note 4)
VZ @
IZT
ZZT @ IZT
ZZK @ IZK
IR
@ VR
IZM
IZSM
MICRO
TYPE
NUMBER
(Note 1)
VOLTS
mA
OHMS
OHMS
mA
μA
VOLTS
mA
A
2EZ3.6D5
2EZ3.9D5
2EZ4.3D5
2EZ4.7D5
2EZ5.1D5
3.6
3.9
4.3
4.7
5.1
139
128
116
106
98
5.0
5.0
4.5
4.5
3.5
400
400
400
550
600
1.0
1.0
1.0
1.0
1.0
80
30
20
5.0
5.0
1.0
1.0
1.0
1.0
1.0
504
468
434
386
356
4.6
4.4
4.1
3.3
3.5
2EZ5.6D5
2EZ6.2D5
2EZ6.8D5
2EZ7.5D5
2EZ8.2D5
5.6
6.2
6.8
7.5
8.2
89.5
80.5
73.5
66.5
61
2.5
1.5
2.0
2.0
2.3
500
700
700
700
700
1.0
1.0
1.0
0.5
0.5
5.0
5.0
5.0
5.0
5.0
2.0
3.0
4.0
5.0
6.0
324
292
266
242
220
3.3
3.1
2.9
2.66
2.44
2EZ9.1D5
2EZ10D5
2EZ11D5
2EZ12D5
2EZ13D5
9.1
10
11
12
13
55
50
45.5
41.5
38.5
2.5
3.5
4.0
4.5
5.0
700
700
700
700
700
0.5
0.25
0.25
0.25
0.25
3.0
3.0
1.0
1.0
0.5
7.0
7.6
8.4
9.1
9.9
200
182
166
152
138
2.2
2.0
1.82
1.66
1.54
2EZ14D5
2EZ15D5
2EZ16D5
2EZ17D5
2EZ18D5
14
15
16
17
18
35.7
33.4
31.2
29.4
27.8
5.5
7.0
8.0
9.0
10
700
700
700
750
750
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
10.6
11.4
12.2
13.0
13.7
130
122
114
107
100
1.43
1.33
1.25
1.18
1.11
2EZ19D5
2EZ20D5
2EZ22D5
2EZ24D5
2EZ27D5
19
20
22
24
27
26.3
25
22.8
20.8
18.5
11
11
12
13
18
750
750
750
750
750
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
14.4
15.2
16.7
18.2
20.6
95
90
82
76
68
1.05
1.0
0.91
0.83
0.74
2EZ30D5
2EZ33D5
2EZ36D5
2EZ39D5
2EZ43D5
30
33
36
39
43
16.6
15.1
13.9
12.8
11.6
20
23
25
30
35
1000
1000
1000
1000
1500
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
22.5
25.1
27.4
29.7
32.7
60
55
50
47
43
0.67
0.61
0.56
0.51
0.45
2EZ47D5
2EZ51D5
2EZ56D5
2EZ62D5
2EZ68D5
47
51
56
62
68
10.6
9.8
9.0
8.1
7.4
40
48
55
60
75
1500
1500
2000
2000
2000
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
35.8
38.8
42.6
47.1
51.7
39
36
32
29
27
0.42
0.39
0.36
0.32
0.29
2EZ75D5
2EZ82D5
2EZ91D5
2EZ100D5
2EZ110D5
75
82
91
100
110
6.7
6.1
5.5
5.0
4.5
90
100
125
175
250
2000
3000
3000
3000
4000
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
56
62.2
69.2
76.0
83.6
24
22
20
18
17
0.27
0.24
0.22
0.20
0.18
2EZ120D5
2EZ130D5
2EZ140D5
2EZ150D5
2EZ160D5
120
130
140
150
160
4.2
3.8
3.6
3.3
3.1
325
400
500
575
650
4500
5000
5500
6000
6500
0.25
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
0.5
91.2
98.8
106.4
114
121.6
15
14
13
12
11
0.16
0.15
0.14
0.13
0.12
2EZ170D5
2EZ180D5
2EZ190D5
2EZ200D5
170
180
190
200
2.9
2.8
2.6
2.5
675
725
825
900
7000
7000
8000
8000
0.25
0.25
0.25
0.25
0.5
0.5
0.5
0.5
130.4
136.8
144.8
152
11
10
10
9
0.12
0.11
0.10
0.10
NOTES: 1.
Suffix 1 indicates +/-1% tolerance, suffix 2 indicates +/-2% tolerance, suffix 5 indicates +/-5% tolerance. Suffix 10 indicates +/-10%,
no suffix indicates +/-20%.
2.
The VZ is measured after allowing a 90 second stabilization period when mounted with a 3/8” minimum lead length from body.
Ambient temperature, TA = 25
oC (+8oC/-2oC).
3.
The Zener impedance is derived from 60 cycle ac voltage resulting from an ac current having an rms value equal to 10%
of the dc Zener current (IZT or IZK ) is superimposed on IZT or IZK.
Microsemi
Scottsdale Division
Page 2
4.
Maximum Surge Current IZSM is a non-recurrent maximum peak reverse surge with a pulse width of 8.3 ms.
Copyright
© 2008
11-06-2008 REV C
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com