Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

313 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 313
Description  Wiha Insulated 1/4 Sockets & Sets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

313 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  313 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
100
128 51
Insulated 1/4” Drive Ratchet, EN/IEC 60900
Chrome-Vanadium steel. Reversible.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
128 51
1/4”
140
5.5
.28
1
1000Volt
128
Insulated 1/4” Extension Bars, ASTM F-1505-01,
EN/IEC 60900 Chrome-Vanadium steel.
Item
OAL OAL
No.
Inch
mm
Inch
lbs.
pkg.
128 54
1/4”
50
2.0
.06
1
128 55
1/4”
100
3.9
.12
1
1000Volt
313
Insulated 1/4” Drive Sockets - 6 Point, Insulation according
to ASTM F-1505-01, DIN 7448 specification, up to 1000 Volt.
Individually Tested. Chrome-vanadium steel, forged, oil-hardened.
Item
No.
Inch
lbs.
pkg.
313 36
3/16
.03
1
313 37
7/32
.03
1
313 38
1/4
.03
1
313 39
9/32
.04
1
313 40
5/16
.04
1
313 41
11/32
.04
1
313 42
3/8
.04
1
313 43
7/16
.05
1
313 44
1/2
.06
1
313 45
9/16
.07
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
313
Insulated 1/4” Drive Sockets - 6 Point, Insulation according
to ASTM F-1505-01, DIN 7448 specification, up to 1000 Volt.
Individually Tested. Chrome-vanadium steel, forged, oil-hardened.
Item
No.
mm
lbs.
pkg.
313 26
5
.03
1
313 27
6
.03
1
313 28
7
.03
1
313 29
8
.04
1
313 30
9
.04
1
313 31
10
.05
1
313 32
11
.05
1
313 33
12
.06
1
313 34
13
.06
1
313 35
14
.07
1
*Sockets must be used with insulated ratchets & extensions
1000Volt
1000Volt
13 Pc. Insulated 1/4” Drive Socket Set - Inch
CV steel, forged, oil-hardened sockets. Insulated after EN/IEC 60900.
Item No. 313 90
Set includes the following:
3/16, 7/32, 1/4, 9/32, 5/16, 11/32,
lbs.
3/8, 7/16, 1/2, 9/16”
1.39
12854 1/4” x 50mm Extension Bar
12855 1/4” x 100mm Extension Bar
12851 1/4” Ratchet - 140mm
313 90
1000Volt
13 Pc. Insulated 1/4” Drive Socket Set - Metric
CV steel, forged, oil-hardened sockets. Insulated after EN/IEC 60900.
Item No. 313 91
Set includes the following:
5, 6, 7, 8, 9, 10, 11, 12, 13, 14mm
lbs. 1.41
12854 1/4” x 50mm Extension Bar
12855 1/4” x 100mm Extension Bar
12851 1/4” Ratchet - 140mm
313 91
Metric - 6 Point
Inch - 6 Point
290 06
Insulated 1/4” Drive T-handle, With Insulated Handle
Insulation according to EN/IEC 60900, specification, up to 1000 Volt.
Individually Tested. Blade chrome-vanadium steel, hardened.
Item
OAL
OAL
No.
Inch
mm
Inch
lbs.
pkg.
290 06
1/4
160
6.2”
.41
1
1000Volt
NEW
From
Wiha
Wiha Insulated 1/4” Sockets & Sets
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 313

ManufacturerPart #DatasheetDescription
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
94Kb / 1P
3AG Slo-Blo Fuse 313/315 Series
logo
3M Electronics
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
logo
Littelfuse
313 LITTELFUSE-313 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Marathon Special Produc...
313 MARATHON-313 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
List of Unclassifed Man...
313-010-6040G ETC2-313-010-6040G Datasheet
5Mb / 93P
Blind Mate Contact, fits in standard housing. Rated to 5 GHz. Mates with PkZ.
More results

Similar Description - 313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15000 ETC-15000 Datasheet
294Kb / 1P
Wiha Insulated Electrician?셲 Knives
20138 ETC-20138 Datasheet
230Kb / 1P
Wiha Insulated Open-Ended Spanners
21214 ETC-21214 Datasheet
253Kb / 1P
Wiha Insulated Ratchet Wrenches
44222 ETC2-44222 Datasheet
379Kb / 1P
Wiha Quality Tools
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
76395 ETC2-76395 Datasheet
789Kb / 2P
Wiha Quality Tools Wiha Socket Sets On Molded Rails
36590 ETC2-36590 Datasheet
280Kb / 1P
Wiha TORX Tools Wiha TORX Plus Tools
71322 ETC2-71322 Datasheet
170Kb / 1P
Wiha Sockets
20133 ETC2-20133 Datasheet
230Kb / 1P
Wiha Insulated Open-Ended Spanners
34410 ETC2-34410 Datasheet
340Kb / 1P
Wiha Maxiflex Hose System 1/4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com