Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9809 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9809
Description  Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9809 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9809 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9809 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2-17
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
“ S ta y C o n n e c te d w ith H e y c o ” Liquid Tight Flexible Conduit and Fittings
TYPE
STAMPED STEEL
ZINC DIE-CAST
TRADE SIZE
PART NO.
DESCRIPTION
PART NO.
DESCRIPTION
1/4
2238
LN 1/4
-
-
3/8
2242
LN 3/8
-
-
1/2
2250
LN 1/2
9800
LN 1/2 DC
3/4
2251
LN 3/4
9801
LN 3/4 DC
1
2252
LN 1
9802
LN 1 DC
1-1/4
9806
LN 1-1/4
9803
LN 1-1/4 DC
1-1/2
9807
LN 1-1/2
9804
LN 1-1/2 DC
2
9808
LN 2
9805
LN 2 DC
2-1/2
9809
LN 2-1/2
-
-
3
9810
LN 3
-
-
THREAD SIZE
PART NO.
DESCRIPTION
PART DIMENSIONS
AB
Thickness
Wrenching Flats
in.
mm.
in.
mm.
PG 7
2257
LN PG 7
.110
2,8
.591
15,0
PG 9
2258
LN PG 9
.110
2,8
.709
18,0
PG 11
2259
LN PG 11
.118
3,0
.827
21,0
PG 13.5
2260
LN PG 13
.118
3,0
.906
23,0
PG 16
2261
LN PG 16
.118
3,0
1.024
26,0
PG 21
2262
LN PG 21
.138
3,5
1.261
32,0
PG 29
2263
LN PG 29
.158
4,0
1.615
41,0
PG 36
2268
LN PG 36
.197
5,0
2.009
51,0
PG 42
2269
LN PG 42
.197
5,0
2.364
60,0
PG Thread–Nickel Plated Brass
Stamped Steel Nut
Zinc Die-cast Nut
• For use with Heyco-Flex Fittings
and most electrical fittings.
• Nickel-plated brass finish over brass
provides excellent corrosion
resistance and durability.
• Metric sizes M6 thru M50
accommodate a wide range of fittings.
AB
Metric Thread–Nickel Plated Brass
THREAD SIZE
PART NO.
DESCRIPTION
PART DIMENSIONS
AB
Thickness
Wrenching Flats
in.
mm.
in.
mm.
M6 x 1
2243
LN M6
.110
2,8
.354
9,0
M8 x 1,25
2244
LN M8
.110
2,8
.433
11,0
M10 x 1,5
2245
LN M10
.110
2,8
.512
13,0
M12 x 1,5
2246
LN M12
.118
3,0
.591
15,0
M16 x 1,5
2247
LN M16
.118
3,0
.748
19,0
M20 x 1,5
2248
LN M20
.138
3,5
.945
24,0
M25 x 1,5
2249
LN M25
.138
3,5
1.181
30,0
M32 x 1,5
2253
LN M32
.177
4,5
1.417
36,0
M40 x 1,5
2254
LN M40
.177
4,5
1.811
46,0
M50 x 1,5
2255
LN M50
.217
5,5
2.165
55,0
Heyco
® Metal Locknuts
NPT Thread–Straight NPS Threads for use with NPT Threaded Fittings
NEW!
NEW!


Similar Part No. - 9809

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9809 BELDEN-9809 Datasheet
157Kb / 2P
RS232/422 Low Cap, #28-9pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
05-05-2023
logo
Heyco.
9809 HEYCO-9809 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
logo
ShenZhen ChipSourceTek ...
9809 CHIPSOURCETEK-9809 Datasheet
1Mb / 11P
5.4W mono audio power amplifier.
logo
Belden Inc.
9809.060100 BELDEN-9809.060100 Datasheet
157Kb / 2P
RS232/422 Low Cap, #28-9pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
05-05-2023
9809.0601000 BELDEN-9809.0601000 Datasheet
157Kb / 2P
RS232/422 Low Cap, #28-9pr, PP, O/A FoilBraid, PVC Jkt, CL2, 100Ω
05-05-2023
More results

Similar Description - 9809

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF212 CYNERGY3-SSF212 Datasheet
379Kb / 1P
compact external fitting with npt taper thread
logo
List of Unclassifed Man...
S2138 ETC2-S2138 Datasheet
450Kb / 1P
SKINTOP® SLN/SLRN Strain relief with NPT thread
2018
logo
Heyco.
2242 HEYCO-2242 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
8382 HEYCO-8382 Datasheet
179Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8423 HEYCO-8423 Datasheet
109Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8500 HEYCO-8500 Datasheet
151Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
8500 HEYCO-8500_V01 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
8515 HEYCO-8515 Datasheet
136Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
H8501 HEYCO-H8501 Datasheet
144Kb / 1P
Heyco® Nylon Conduit Fittings - Straight-Thru
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com