Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT523PITE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT523PITE13
Description  Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT523PITE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT523PITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT523PITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT523PITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT523PITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT523PITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT523PITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT523PITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT523PITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT523PITE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT523
6
Advance Information
complished through the control signals: Chip Select
(CS) and Program (PROG). With CS high, a start bit
followed by a two bit DAC address and eight data bits are
clocked into the DAC control register via the DI pin. Data
enters on the clock’s rising edge.
The DAC output
changes to its new setting on the clock cycle following
D7, the last data bit.
Programming is achieved by bringing PROG high for a
minimum of 3 ms. PROG must be brought high some-
time after the start bit and at least 150 ns prior to the
rising edge of the clock cycle immediately following the
D7 bit. Two clock cycles after the D7 bit the DAC control
register will be ready to receive the next set of address
and data bits. The clock must be kept running through-
out the programming cycle. Internal control circuitry
takes care of ramping the programming voltage for data
transfer to the EEPROM cells. The CAT523’s EEPROM
memory cells will endure over 100,000 write cycles and
will retain data for a minimum of 100 years without being
refreshed.
READING DATA
Each time data is transferred into a DAC control register
currently held data is shifted out via the D0 pin, thus in
every data transaction a read cycle occurs.
Note,
however, that the reading process is destructive. Data
must be removed from the register in order to be read.
Figure 2 depicts a Read Only cycle in which no change
occurs in the DAC’s output. This feature allows
µPs to
poll DACs for their current setting without disturbing the
output voltage but it assumes that the setting being read
is also stored in EEPROM so that it can be restored at the
end of the read cycle. In Figure 2 CS returns low before
the 13th clock cycle completes. In doing so the EEPROM’s
setting is reloaded into the DAC control register. Since
VREF
VREF, the voltage applied between pins VREFHandVREFL,
sets the DAC’s Zero to Full Scale output range where
VREFL = Zero and VREFH = Full Scale. VREF can span the
full power supply range or just a fraction of it. In typical
applications VREFH andVREFL are connected across the
power supply rails. When using less than the full supply
voltage VREFH is restricted to voltages between VDD and
VDD/2 and VREFL to voltages between GND and VDD/2.
READY
/BUSY
/BUSY
/BUSY
/BUSY
/BUSY
When saving data to non-volatile EEPROM memory, the
Ready/Busy ouput (RDY/
BSY) signals the start and
duration of the EEPROM erase/write cycle. Upon receiv-
ing a command to store data (PROG goes high) RDY/
BSY goes low and remains low until the programming
cycle is complete. During this time the CAT523 will
ignore any data appearing at DI and no data will be
output on DO.
RDY/
BSY is internally ANDed with a low voltage detec-
tor circuit monitoring VDD. If VDD is below the minimum
value required for EEPROM programming, RDY/
BSY
will remain high following the program command indicat-
ing a failure to record the desired data in non-volatile
memory.
DATA OUTPUT
Data is output serially by the CAT523, LSB first, via the
Data Out (DO) pin following the reception of a start bit
and two address bits by the Data Input (DI).
DO
becomes active whenever CS goes high and resumes
its high impedance Tri-State mode when CS returns low.
Tri-Stating the DO pin allows several 523s to share a
single serial data line and simplifies interfacing multiple
523s to a microprocessor.
WRITING TO MEMORY
Programming the CAT523’s EEPROM memory is ac-
Figure 2. Reading from Memory
Figure 1. Writing to Memory
A0
A1
1
DO
DI
CS
PROG
DAC
OUTPUT
t
1
2
3
4
5
6
7
8
9
10
11
12
o
CURRENT
DAC VALUE
NON-VOLATILE
D0
D1
D2
D3
D4
D5
D6
D7
CURRENT DAC DATA
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
1
NEW DAC DATA
CURRENT DAC DATA
CURRENT
DAC VALUE
NON-VOLATILE
DAC
OUTPUT
PROG
DO
DI
CS
NEW
DAC VALUE
VOLATILE
NEW
DAC VALUE
NON-VOLATILE
t
1
2
3
4
5
6
7
8
9
10
11
12
N
N+1 N+2
o
RDY/BSY



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com