Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX8563LB Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX8563LB
Description  Nec CW In GaAsP MQW DFB LASER DIODE MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX8563LB Datasheet(HTML) 1 Page - California Eastern Labs

  NX8563LB Datasheet HTML 1Page - California Eastern Labs NX8563LB Datasheet HTML 2Page - California Eastern Labs NX8563LB Datasheet HTML 3Page - California Eastern Labs NX8563LB Datasheet HTML 4Page - California Eastern Labs NX8563LB Datasheet HTML 5Page - California Eastern Labs NX8563LB Datasheet HTML 6Page - California Eastern Labs NX8563LB Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NEC's CW InGaAsP
MQW DFB LASER DIODE MODULE
FOR DWDM APPLICATIONS (10 mW MIN)
NX8563
SERIES
FEATURES
• OUTPUT POWER:
Pf = 10 mW MIN
• INTERNAL THERMOELECTRIC COOLER AND ISOLATOR
• HERMETICALLY SEALED 14-PIN BUTTERFLY PACKAGE
• POLARIZATION MAINTAIN FIBER PIGTAIL
• AVAILABLE FOR DWDM WAVELENGTHS BASED ON
ITU-T RECOMMENDATIONS (100 GHz GRID) REFER TO
THE ORDERING INFORMATION
NEC's NX8563 Series are a 1550 nm Multiple Quantum Well
(MQW) structured Distributed Feed-Back (DFB) laser diode
with Polarization Maintain Fiber (PMF). This device is de-
signed as Continuous Wave (CW) light source and ideal for
optical transmission systems in which external modulators are
used.
This device is available for Dense Wavelenght Division Multi-
plexing (DWDM) wave lengths based on ITU-T recommenda-
tions, enabling a wide range of applications.
DESCRIPTION
California Eastern Laboratories
Notes:
1. Available for DWDM based on ITU-T recommendations. Please refer to Ordering Information.
2. Polarization state of LD is aligned parallel to the slow axis.
PART NUMBER
NX8563 Series
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
TSET
Laser Set Temperature
°C20
35
VF
Forward Voltage, Pf = 10 mW
V
1.2
1.5
IF
Forward Current, Pf = 10 mW
mA
70
125
ITH
Threshold Current
mA
20
40
Pf
Optical Output Power from Fiber,
IF = 125 mA, TLD = TSET
mW
10
λp
Peak Emission Wavelength1, Pf = 10 mW, CW,
nm
1527.99
ITU-T1
1611.78
TLD = TSET
∆v
Spectral Line Width, Pf = 10 mW, CW, 3 dB down
MHz
1
2
SMSR
Side Mode Suppression Ratio, Pf = 10 mW, CW
dB
33
45
RIN
Relative Intensity Noise, Pf = 10 mW, 20 MHz to 3 GHz
dB/Hz
-150
ext
Polarization Extinction Ratio2, Pf = 10 mW, CW
dB
20
ELECTRO-OPTICAL CHARACTERISTICS (TLD = TSET, TC = -20 to +70°C)


Similar Part No. - NX8563LB

ManufacturerPart #DatasheetDescription
logo
NEC
NX8563LB NEC-NX8563LB Datasheet
61Kb / 8P
1 480 nm EDFA APPLICATION InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8563LB NEC-NX8563LB Datasheet
65Kb / 12P
InGaAsP STRAINED DC-PBH LASER DIODE MODULE 1 625 nm TELEMETRY APPLICATION
NX8563LB NEC-NX8563LB Datasheet
97Kb / 12P
1 510 nm OPTICAL FIBER COMMUNICATIONS InGaAsP STRAINED MQW DC-PBH LASER DIODE MODULE
NX8563LB NEC-NX8563LB Datasheet
66Kb / 8P
1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
More results

Similar Description - NX8563LB

ManufacturerPart #DatasheetDescription
logo
NEC
NX8562LB NEC-NX8562LB Datasheet
66Kb / 8P
1 550 nm CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE
NX8563LB NEC-NX8563LB Datasheet
71Kb / 8P
CW LIGHT SOURCE InGaAsP STRAINED MQW-DFB LASER DIODE MODULE FOR D-WDM APPLICATIONS
logo
Mitsubishi Electric Sem...
ML99213 MITSUBISHI-ML99213 Datasheet
115Kb / 3P
In GaAsP-MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
Analog 1310 nm MQW-DFB Laser Diode Module
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
Analog 1550 nm MQW-DFB Laser Diode Module
C-13-DFB2.5-T-SFCL SOURCE-C-13-DFB2.5-T-SFCL Datasheet
732Kb / 6P
1310nm 2.5G MQW-DFB Laser Diode Module
C-15-DFB-T-SFCL SOURCE-C-15-DFB-T-SFCL Datasheet
747Kb / 6P
1550nm MQW-DFB Laser Diode Module
C-15-DFB-P-SSC2I-APC-O-01 SOURCE-C-15-DFB-P-SSC2I-APC-O-01 Datasheet
385Kb / 3P
1550nm MQW-DFB Laser Diode Module
logo
California Eastern Labs
NX8562LB CEL-NX8562LB Datasheet
255Kb / 7P
NECs CW InGaAsP MQW DFB LASER DIODE MODULE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com