Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C66 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT93C66
Description  1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C66 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT93C66 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C66 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
93C46/56/57/66/86
Doc. No. 25056-00 2/98 M-1
Note:
(1)
Address bit A8 for 256x8 ORG and A7 for 128x16 ORG are "Don't Care" bits, but must be kept at either a "1" or "0" for READ, WRITE
and ERASE commands.
(2)
Applicable only to 93C86
(3)
This parameter is tested initially and after a design or process change that affects the parameter.
PIN CAPACITANCE
Symbol
Test
Max.
Units
Conditions
COUT(3)
OUTPUT CAPACITANCE (DO)
5
pF
VOUT=OV
CIN(3)
INPUT CAPACITANCE (CS, SK, DI, ORG)
5
pF
VIN=OV
INSTRUCTION SET
Instruction Device
Start Opcode
Address
Data
Comments
PE(2)
Type
Bit
x8
x16
x8
x16
READ
93C46
1
10
A6-A0
A5-A0
Read Address AN–A0
93C56(1)
1
10
A8-A0
A7-A0
93C66
1
10
A8-A0
A7-A0
93C57
1
10
A7-A0
A6-A0
93C86
1
10
A10-A0
A9-A0
X
ERASE
93C46
1
11
A6-A0
A5-A0
Clear Address AN–A0
93C56(1)
1
11
A8-A0
A7-A0
93C66
1
11
A8-A0
A7-A0
93C57
1
11
A7-A0
A6-A0
93C86
1
11
A10-A0
A9-A0
I
WRITE
93C46
1
01
A6-A0
A5-A0
D7-D0 D15-D0
Write Address AN–A0
93C56(1)
1
01
A8-A0
A7-A0
D7-D0 D15-D0
93C66
1
01
A8-A0
A7-A0
D7-D0 D15-D0
93C57
1
01
A7-A0
A6-A0
D7-D0 D15-D0
93C86
1
01
A10-A0
A9-A0
D7-D0 D15-D0
I
EWEN
93C46
1
00
11XXXXX
11XXXX
Write Enable
93C56
1
00
11XXXXXXX
11XXXXXX
93C66
1
00
11XXXXXXX
11XXXXXX
93C57
1
00
11XXXXXX
11XXXXX
93C86
1
00
11XXXXXXXXX 11XXXXXXXX
X
EWDS
93C46
1
00
00XXXXX
00XXXX
Write Disable
93C56
1
00
00XXXXXXX
00XXXXXX
93C66
1
00
00XXXXXXX
00XXXXXX
93C57
1
00
00XXXXXX
00XXXXX
93C86
1
00
00XXXXXXXXX 00XXXXXXXX
X
ERAL
93C46
1
00
10XXXXX
10XXXX
Clear All Addresses
93C56
1
00
10XXXXXXX
10XXXXXX
93C66
1
00
10XXXXXXX
10XXXXXX
93C57
1
00
10XXXXXX
10XXXXX
93C86
1
00
10XXXXXXXXX 10XXXXXXXX
I
WRAL
93C46
1
00
01XXXXX
01XXXX
D7-D0 D15-D0
Write All Addresses
93C56
1
00
01XXXXXXX
01XXXXXX
D7-D0 D15-D0
93C66
1
00
01XXXXXXX
01XXXXXX
D7-D0 D15-D0
93C57
1
00
01XXXXXX
01XXXXX
D7-D0 D15-D0
93C86
1
00
01XXXXXXXXX 01XXXXXXXX
D7-D0 D15-D0
I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com