Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C86 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT93C86
Description  1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86 Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT93C86 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
93C46/56/57/66/86
Doc. No. 25056-00 2/98 M-1
Erase
Upon receiving an ERASE command and address, the
CS (Chip Select) pin must be deasserted for a minimum
of tCSMIN. The falling edge of CS will start the self clocking
clear cycle of the selected memory location. The clock-
ing of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of
the CAT93C46/56/57/66/86 can be determined by se-
lecting the device and polling the DO pin. Once cleared,
the content of a cleared location returns to a logical “1”
state.
Erase/Write Enable and Disable
The CAT93C46/56/57/66/86 powers up in the write
disable state. Any writing after power-up or after an
EWDS (write disable) instruction must first be preceded
by the EWEN (write enable) instruction. Once the write
instruction is enabled, it will remain enabled until power
to the device is removed, or the EWDS instruction is
sent. The EWDS instruction can be used to disable all
CAT93C46/56/57/66/86 write and clear instructions,
and will prevent any accidental writing or clearing of the
device. Data can be read normally from the device
regardless of the write enable/disable status.
Erase All
Upon receiving an ERAL command, the CS (Chip Se-
lect) pin must be deselected for a minimum of tCSMIN.
The falling edge of CS will start the self clocking clear
cycle of all memory locations in the device. The clocking
of the SK pin is not necessary after the device has
entered the self clocking mode. The ready/busy status of
the CAT93C46/56/57/66/86 can be determined by se-
lecting the device and polling the DO pin. Once cleared,
the contents of all memory bits return to a logical “1”
state.
Write All
Upon receiving a WRAL command and data, the CS
(Chip Select) pin must be deselected for a minimum of
tCSMIN. The falling edge of CS will start the self clocking
data write to all memory locations in the device. The
clocking of the SK pin is not necessary after the device
has entered the self clocking mode. The ready/busy
status of the CAT93C46/56/57/66/86 can be determined
by selecting the device and polling the DO pin. It is not
necessary for all memory locations to be cleared before
the WRAL command is executed.
93C46/56/57/66/86 F06
Figure 4. Erase Instruction Timing
SK
CS
DI
DO
STANDBY
HIGH-Z
HIGH-Z
1
AN
AN-1
BUSY
READY
STATUS VERIFY
tSV
tHZ
tEW
tCS
11
A0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com