Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3821 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 1N3821
Description  1 WATT ZENER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N3821 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  1N3821 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N3821 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case, DO41.
LEAD MATERIAL: Copper clad steel
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
80 ˚C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 15
˚C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: Any.
ELECTRICAL CHARACTERISTICS @ 25°C
CDI
NOMINAL
ZENER
MAX. DC
TYPE
ZENER
TEST
MAXIMUM ZENER IMPEDANCE
ZENER
MAX. REVERSE
NUMBER
VOLTAGE
CURRENT
CURRENT
LEAKAGE CURRENT
VZ @1ZT
1ZT
ZZT @ 1ZT
ZZK @ 1ZK=1mA
1ZM
lR @ VR
(NOTE 1)
(NOTE 3)
(NOTE 2)
VOLTS
mA
OHMS
OHMS
mA
µ A
VOLTS
1N3821
3.3
76
10
400
276
100
1
1N3821A
3.3
76
10
400
276
100
1
1N3822
3.6
69
10
400
252
75
1
1N3822A
3.6
69
10
400
252
75
1
1N3823
3.9
64
9
400
238
25
1
1N3823A
3.9
64
9
400
238
25
1
1N3824
4.3
58
9
400
213
5
1
1N3824A
4.3
58
9
400
213
5
1
1N3825
4.7
53
8
500
194
5
1
1N3825A
4.7
53
8
500
194
5
1
1N3826
5.1
49
7
550
178
3
1
1N3826A
5.1
49
7
550
178
3
1
1N3827
5.6
45
5
600
162
3
2
1N3827A
5.6
45
5
600
162
3
2
1N3828
6.2
41
2
700
146
3
3
1N3828A
6.2
41
2
700
146
3
3
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 1 watt @TL = 95°C
Power Derating: 12.5 mW / °C above TL = 95°C
Forward Voltage @ 200mA = 1.2 volts maximum
NOTE 1
No suffix = + 10% tolerance on nominal Zener voltage, suffix “A” signifies +5%, suffix “C”
signifies + 2%, suffix “D” signifies + 1%.
NOTE 2
Zener impedance is derived by superimposing on 1ZT A 60Hz rms a.c. current equal to
10% of 1ZT.
NOTE 3
Zener voltage is measured with the device junction in thermal equilibrium at an ambient
temperature of 25°C + 3°C.
• 1N3821A-1 THRU 1N3828A-1 AVAILABLE IN JAN, JANTX AND JANTXV
PER MIL-PRF-19500/115
• 1 WATT ZENER DIODE
• DOUBLE PLUG CONSTRUCTION
• METALLURGICALLY BONDED
1N3821A thru 1N3828A
and
1N3821A-1 thru 1N3828A-1


Similar Part No. - 1N3821

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3821 MICROSEMI-1N3821 Datasheet
288Kb / 3P
SILICON 1 WATT ZENER DIODES
logo
Motorola, Inc
1N3821 MOTOROLA-1N3821 Datasheet
235Kb / 6P
1.0 WATT METAL SILICON ZENER DIODES
logo
Micro Commercial Compon...
1N3821 MCC-1N3821 Datasheet
108Kb / 4P
1.0 Watt Zener Diode 3.3 to 6.2 Volts
1N3821 MCC-1N3821 Datasheet
238Kb / 4P
1.0 Watt Zener Diode 3.3 to 6.2 Volts
logo
New Jersey Semi-Conduct...
1N3821 NJSEMI-1N3821 Datasheet
149Kb / 1P
1N3821 thru 1N3830, 1N3016 thru 1N3051
More results

Similar Description - 1N3821

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
Zener Diode, 1 Watt 짹5% Tolerance
logo
Microsemi Corporation
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
Silicon 1 Watt Zener Diode
logo
Frontier Electronics.
1N4736A-LFR FRONTIER-1N4736A-LFR Datasheet
127Kb / 2P
1 WATT ZENER DIODE
Z10-100 FRONTIER-Z10-100 Datasheet
112Kb / 1P
1 WATT ZENER DIODE
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
1 WATT ZENER DIODE
ZM200-X FRONTIER-ZM200-X Datasheet
120Kb / 2P
1 WATT SURFACE MOUNT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
1 WATT ZENER DIODE
logo
Micro Commercial Compon...
SMAZ16-TP MCC-SMAZ16-TP Datasheet
313Kb / 4P
1 Watt Zener Diode 5.1V - 39V Volts
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com