Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C5713 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT93C5713
Description  Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C5713 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT93C5713 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C5713 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C5713 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C5713 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C5713 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C5713 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C5713 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C5713 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C5713 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
9-86
Advanced Information
CAT93CXXXX
Stock No. 21084-01 2/98
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias....................–55
°C to +125°C
Storage Temperature........................ –65
°C to +150°C
Voltage on Any Pin with
Respect to Ground(1)
..............–2.0V to +VCC + 2.0V
VCC with Respect to Ground..................–2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)1.0W.................................1.0W
Lead Soldering Temperature (10 secs)...............300
°C
Output Short Circuit Current(2)
..........................100mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation
of the device at these or any other conditions outside of
those listed in the operational sections of this specifica-
tion is not implied. Exposure to any absolute maximum
rating for extended periods may affect device perfor-
mance and reliability.
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
D.C. OPERATING CHARACTERISTICS
VCC = +2.7V to +6.0V, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC1
Power Supply Current
3
mA
fSK = 1MHz
(Write)
VCC = 5.0V
ICC2
Power Supply Current
1
mA
fSK = 1MHz
(Read)
VCC = 5.0V
ISB1
Power Supply Current
10
µA
CS = 0V
(Standby) (x8 Mode)
ORG=GND
ISB2
Power Supply Current
0
µA
CS=0V
(Standby) (x16Mode)
ORG=Float or VCC
ILI
Input Leakage Current
1
µAVIN = 0V to VCC
ILO
Output Leakage Current
1
µAVOUT = 0V to VCC,
(Including ORG pin)
CS = 0V
VIL1
Input Low Voltage
-0.1
0.8
V
4.5V
≤VCC<5.5V
VIH1
Input High Voltage
2
VCC+1
V
VOL1
Output Low Voltage
0.4
V
4.5V
≤VCC<5.5V
VOH1
Output High Voltage
2.4
IOL = 2.1mA
VIOH = -400
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com