Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC554XLF Datasheet(PDF) 1 Page - Sanken electric

Part # LC554XLF
Description  Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC554XLF Datasheet(HTML) 1 Page - Sanken electric

  LC554XLF Datasheet HTML 1Page - Sanken electric LC554XLF Datasheet HTML 2Page - Sanken electric LC554XLF Datasheet HTML 3Page - Sanken electric LC554XLF Datasheet HTML 4Page - Sanken electric LC554XLF Datasheet HTML 5Page - Sanken electric LC554XLF Datasheet HTML 6Page - Sanken electric LC554XLF Datasheet HTML 7Page - Sanken electric LC554XLF Datasheet HTML 8Page - Sanken electric LC554XLF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LC5540LF Series
Description
The LC5540LF series is the power IC for the isolated type
LED driver which has an incorporated power MOSFET,
designed for input capacitorless applications, and making it
possible for systems to comply with the harmonics standard
(IEC61000-3-2 class C), even during light load condition.
The controller adapts the average current control method
for realizing high power factors, and the quasi-resonant
topology contributes to high efficiency and low EMI noise.
The series is housed in TO-220 packages. The rich set of
protection features helps to realize low component counts,
and high performance-to-cost power supply.
The incorporated MOSFET has a VDSS(min) rating from
650 V (LC5546LF and LC5547LF) to 800 V (LC5549LF).
The RDS(on)(max) is 1.1 Ω (LC5547LF) to 1.9 Ω
(LC5546LF). It is capable of a maximum output power of
80 W on 230 VAC supply to 55 W on universal input supply
(85 to 265VAC) (LC5547LF) based on the thermal rating.
Note that the maximum output power can be up to 120% to
140% of this value. However, it may be limited in applica-
tions with low output voltage or short duty cycle.
Features and Benefits
• Integrated on-time control circuit (it realizes high power
factor by average current control)
• Integrated startup circuit (no external startup
circuit necessary)
• Integrated soft-start circuit (reduces power stress during
start-up on the incorporated power MOSFET and
output rectifier)
• Integrated bias assist circuit (improves startup
performance, suppresses VCC voltage droop during
operation, and allows use of low-rated ceramic capacitor
on VCC pin)
• Integrated Leading Edge Blanking (LEB) circuit
• Integrated maximum on-time limit circuit
• Protection features:
▫ Overcurrent protection (OCP): pulse-by-pulse
▫ Overvoltage protection (OVP): latched shutdown
▫ Overload protection (OLP): latched shutdown
▫ Thermal shutdown (TSD): latched shutdown
Single-Stage Power Factor Corrected
Off-Line Switching Regulator ICs
Typical Application
Applications
• LED lighting fixtures
• LED light bulbs
C2
C6
C5
C3
D8
+
-
PC1
U2
DZ1
D1
D3
D2
D4
F1
L1
C1
Q1
D5
C4
T1
D6
D7
DZ2
PC2
L2
LED
R1
PC2
D9
R8
R9
R10
R11
R12
R13
R14
R15
R16
R17
R18
R19 R20
R
OCP
R3
R4
R5
R6
VAC
PC1
R7
C7
C8
C10
C9
C11
C12
C13
C14
C15
C16
C17
D/ST S/GND VCC
Controller
Chip
OCP
OVP
NC
FB
U1
LC554xLF
7
6
5
4
3
2
1
R21
DZ3
C18
Packages: 7-pin TO-220F
Not to scale
LF 3052
LF 3054
LF 3051
LC5540LF-DS
January 28, 2013
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/


Similar Part No. - LC554XLF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
More results

Similar Description - LC554XLF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5500 SANKEN-LC5500 Datasheet
637Kb / 40P
LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LD SANKEN-LC5540LD Datasheet
281Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC556XLD SANKEN-LC556XLD Datasheet
297Kb / 10P
Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5511D SANKEN-LC5511D Datasheet
234Kb / 9P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com