Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML600RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # ML600RU
Description  ML600RU SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML600RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  ML600RU Datasheet HTML 1Page - MicroPower Direct, LLC ML600RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 µF ceramic capacitor
be placed from +VOUT to -VOUT for single output models or from each output to common for
dual output models. For noise sensitive applications, the use of 3.3 µF capacitors will reduce
the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. The maximum control current at the on/off input (pin 1) during a logic high (+5V) is 500 µA.The maximum
control current to the on/off pin at logic low (0V) is -500 µA. If the on/off pin is left open, the unit operates.
If grounded, the unit will shut off.
4. Operation at no-load will not damage these units. However, they may not meet all specifications.
5. The converter should be connected to a low ac-impedance source. An input source with a
highly inductive impedance may affect the stability of the converter. In applications where
the converter output loading is high and input power is supplied over long lines, it may be
necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (<1.0
 at 100 kHz) capacitor be mounted
close to the converter. For 24V input units a 4.7 µF is recommended and for 48V input models,
a 2.2 µF.
6. It is recommended that a fuse be used on the input of a power supply for protection. See the
table above for the correct rating.
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.01 (±0.25)
• Pin 1 is marked by a “dot” or indentation
on the unit
Model
Number
Input
Output
Efficiency
(%, Typ)
Output
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
ML624S-03RU
24
9.0 - 36.0
262
30
3.3
1,450
218
76
330
1,500
ML624S-05RU
24
9.0 - 36.0
316
30
5.0
1,200
180
79
330
1,500
ML624S-12RU
24
9.0 - 36.0
301
30
12.0
500
75
83
100
1,500
ML624S-15RU
24
9.0 - 36.0
301
30
15.0
400
60
83
100
1,500
ML624S-24RU
24
9.0 - 36.0
301
30
24.0
250
38
83
100
1,500
ML624D-05RU
24
9.0 - 36.0
301
30
±5.0
±600
±90
82
100
1,500
ML624D-12RU
24
9.0 - 36.0
301
30
±12.0
±250
±38
83
100
1,500
ML624D-15RU
24
9.0 - 36.0
301
30
±15.0
±200
±30
83
100
1,500
ML648S-03RU
48
18.0 - 75.0
131
20
3.3
1,450
218
76
330
750
ML648S-05RU
48
18.0 - 75.0
158
20
5.0
1,200
180
79
330
750
ML648S-12RU
48
18.0 - 75.0
151
20
12.0
500
75
83
100
750
ML648S-15RU
48
18.0 - 75.0
151
20
15.0
400
60
83
100
750
ML648S-24RU
48
18.0 - 75.0
151
20
24.0
250
38
83
100
750
ML648D-05RU
48
18.0 - 75.0
151
20
±5.0
±600
±90
82
100
750
ML648D-12RU
48
18.0 - 75.0
151
20
±12.0
±250
±38
83
100
750
ML648D-15RU
48
18.0 - 75.0
151
20
±15.0
±200
±30
83
100
750
Pin
Single
Pin
Dual
1
Remote On/Off
1
Remote On/Off
2-VIN
2-VIN
6
NC
6
Common
8NC
8
-VOUT
9+VOUT
9+VOUT
11
-VOUT
11
Common
16
+VIN
16
+VIN
NC = No connection
Pin Connections
Board Layout
Derating Curve
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com