Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPB10S09 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPB10S09
Description  MPB-10S Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPB10S09 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPB10S09 Datasheet HTML 1Page - MicroPower Direct, LLC MPB10S09 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
85
264
VAC
127
373
VDC
Input Frequency
47
63
Hz
Input Filter
Meets EN 55022 Class B
Input Current
See Model Selection Guide
Inrush Current
Cold Start, 115 VAC
20.0
A Pk
Cold Start, 230 VAC
40.0
Safety Ground Leakage Current
264 VAC
0.25
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage/Current
See Model Selection Guide
Output Voltage Tolerance
See Note 1
±1.0
%
Line Regulation
Vin = 100 VAC to 240 VAC
±0.5
%
Load Regulation
Iout = 10% to 100%
±1.0
%
Ripple & Noise (20 MHz)
See Note 2
±1.0
%
Hold-Up Time
115 VAC
16
mSec
230 VAC
60
Temperature Coefficient
±0.05
%/°C
Short Circuit Protection
Hiccup Mode (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Resistance
500 VDC
100
M
Isolation Capacitance
2,200
pF
EMI/RFI
Conducted
EN 55022; EN 61000-3-2, -3
EMC Compliance
Electrostatic Discharge (ESD)
IEC/EN 61000-4-2, -6, -8, -11
RF Field Susceptibility
IEC/EN 61000-4-3
Electrical Fast Transients/Bursts On Mains
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
Switching Frequency
Fixed
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
0
+25
+40
°C
Storage Temperature Range
-20
+85
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
93
%
Physical
Size
2.559 x 1.772 x 0.906 Inches (65.0 x 45.0 x 23.0 mm)
Weight
2.12 Oz (0.060 kg)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
200
kHours
Safety Standards
UL 60950, EN 60950
Vibration
Sinusoidal 50~500 Hz, 3.0 Grms, Period of 10 min each along X, Y & Z Axis
Miniature PCB-Mount,
10W, Open Frame
AC/DC Power Supplies
Key Features:
• 10W Output Power
• Universal 85-264 AC Input
• EN 60950 Approved (UL)
• PCB Mountable
• Meets IEC Safety Class II
• Meets EN 55022 B
• High Efficiency
• >200 kHour MTBF
MPB-10S Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MPB10S09

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
MPB10T ATC-MPB10T Datasheet
1Mb / 2P
MOTOR PROTECTION CIRCUIT BREAKERS
More results

Similar Description - MPB10S09

ManufacturerPart #DatasheetDescription
logo
BesTech Power Co., Ltd
HCX-D095 BESTECH-HCX-D095 Datasheet
299Kb / 1P
For 32V 10S LiFePO4 Battery Packs
logo
MicroPower Direct, LLC
MPB-15S MPD-MPB-15S Datasheet
369Kb / 2P
MPB-15S Series
MPB-20S MPD-MPB-20S Datasheet
372Kb / 2P
MPB-20S Series
logo
PHOENIX CONTACT
103615 PHOENIX-103615 Datasheet
156Kb / 8P
ETD-BL-1T-ON- 10S
1212045 PHOENIX-1212045 Datasheet
51Kb / 2P
Crimping pliers - CRIMPFOX 10S
2809241 PHOENIX-2809241 Datasheet
84Kb / 3P
MPB 18/3- 6
2818339 PHOENIX-2818339 Datasheet
97Kb / 3P
Wiring bridge - MPB F200X16/ 1GS
2818342 PHOENIX-2818342 Datasheet
97Kb / 3P
Wiring bridge - MPB F400X16/ 1GS
2818355 PHOENIX-2818355 Datasheet
97Kb / 3P
Wiring bridge - MPB F600X16/ 1GS
3069955 PHOENIX-3069955 Datasheet
179Kb / 14P
Test plug - FTPR-3/10S
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com