Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XK25SS Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # XK25SS
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XK25SS Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button XK25SS Datasheet HTML 69Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 70Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 71Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 72Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 73Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 74Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 75Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 76Page - List of Unclassifed Manufacturers XK25SS Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 122 page
background image
E-ZZ-HHOOK HHARNESS BBOARD N
NAILS
Harness board nails are made from tool steel, heat treated and are copper, nickel & tin plated. Tapered point is slightly dulled. Length of point
is approximately 3 to 4 times the diameter.
Part No.
Description
80-111
2” Harness Board Nail
Actual SSize
Actual SSize
Actual SSize
Actual SSize
Actual SSize
HARNESS BBOARD AACCESSORIES
The T-20 assists in nailing in your smaller nailclips without damage.
Best for use with E-Z-Nailclip test terminals 81-1, 83-8 and 84-1.
PERF-EEZE AADAPTERS
Part No. Description
PE-993 Bag of 100 Perf-eze
Adapters
Part No. TERMINALS MOUNTING CENTERS
INCHES
METRIC
8161
1
.875"
2.22cm
8162
2
1.3125" 3.33cm
8163
3
1.750"
4.44cm
8164
4
2.1875" 5.55cm
8165
5
2.626"
6.67cm
8166
6
3.0625" 7.78cm
8167
7
3.50"
8.89cm
8168
8
3.9375" 10.0cm
8169
9
4.375"
11.11cm
8170
10
4.8125" 12.22cm
QUICK DDISCONNECT TTERMINAL BBOARDS
70
www.e-zz-hhooook.coom
m
DRIVING TTOOL FFOR N
NAILCLIPS
Terminal number. indicates the quantity of 81-1 red Nailclips included with the board.
Note: Add .375” (9.525mm) for overall length of board.
Inserts snap into .093” standard perf
board holes, lock into position and
permit nailclips to be pressed securely
into the perf board.
Construction:
Molded of natural
colored nylon. Clips and inserts are
removable and reusable, allowing
freedom of movement from hole to
hole, and rotation in any direction.
Part No.
Description
80-116
3” Harness Board Nail
Part No.
Description
80-77
1.75” Harness Board Nail
Part No.
Description
80-11
1.25” Harness Board Nail
Part No.
Description
80-225
5” Harness Board Nail
Part No.
Description
T-220
Driving Tool for Nailclips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com