Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCF5250 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # SCF5250
Description  Integrated ColdFire Microprocessor Data Sheet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5250 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button SCF5250 Datasheet HTML 14Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 15Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 16Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 17Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 18Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5250 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
SCF5250 Data Sheet: Technical Data, Rev. 1.3
18
Freescale Semiconductor
3.15
Queued Serial Peripheral Interface (QSPI)
The QSPI interface is a high-speed serial interface allowing transmit and receive of serial data. Pin
descriptions are given in Table 11.
3.16
Crystal Trim
The XTRIM/GPIO0 output produces a pulse-density modulated phase/frequency difference signal to be
used after low-pass filtering to control varicap-voltage to control crystal oscillation frequency. This will
lock the crystal to the incoming digital audio signal.
3.17
Clock Out
The MCLK1/GPIO11 and QSPI_CS2/MCLK2/GPIO24 can serve as DAC clock outputs. When
programmed as DAC clock outputs, these signals are directly derived from the crystal oscillator or clock
Input (CRIN).
DDATAO/CTS1/SDATA0_SDIO1/GPIO1 Secure Digital serial data bit 0
Memory Stick interface 1 data I/O
SCL0/SDATA1_BS1/GPIO41
Secure Digital serial data bit 1
Memory Stick interface 1 strobe
DDATA1/RTS1/SDATA2_BS2/GPIO2
Secure Digital serial data bit 2
Memory Stick interface 2 strobe
Reset output signal
Selection between Reset function and SDATA2_BS2 is done by programming PLLCR
register.
SDA0/SDATA3/GPIO42
Secure Digital serial data bit 3
Table 11. Queued Serial Peripheral Interface (QSPI) Signals
Serial Module Signal
Description
QSPICLK/SUBR/GPIO25
Multiplexed signal IIC interface clock or QSPI clock output Function select is done via
PLLCR register.
RCK/QSPIDIN/QSPI_DOUT/GPIO26
Multiplexed signal IIC interface data or QSPI data input. Function select is done via
PLLCR register.
RCK/QSPI_DIN/QSPI_DOUT/GPIO26
QSPI_DOUT/SFSY/GPIO27
QSPI data output.
QSPICS0/EBUIN4GPIO15
4 different QSPI chip selects.
QSPICS1/EBUOUT2/GPIO16
QSPICS2/MCLK2/GPIO24
CS1/QSPICS3/GPIO28
Table 10. Flash Memory Card Signals (continued)
Flash Memory Signal
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com