Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM20S09 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM20S09
Description  MPM-20S Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM20S09 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM20S09 Datasheet HTML 1Page - MicroPower Direct, LLC MPM20S09 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
Pin
Function
Pin
Function
1
AC-Ground
4
-Vout
2
AC-Neutral
8
+Vout
3
AC-Line
Trim
Trim
Pin Connections
Model
Number
Input
Output
Over Volt.
Protection
(VDC)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current (A)
115 VAC 230 VAC
Max
Min
MPM-20S-03
0.33
0.18
3.3
4.10
0.0
7.5
73
MPM-20S-05
0.33
0.18
5.0
3.50
0.0
7.5
75
MPM-20S-09
0.33
0.18
9.0
2.10
0.0
12.0
77
MPM-20S-12
0.33
0.18
12.0
1.60
0.0
20.0
81
MPM-20S-15
0.33
0.18
15.0
1.30
0.0
20.0
83
MPM-20S-24
0.33
0.18
24.0
0.85
0.0
30.0
85
Derating Curve
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
1. It is recommended that an external fuse and NTC be used. The recommended
fuse is a 3.15A/250V slow blow and for the NTC, a 5D-9.
2. An external MOV is required on the input to protect the unit in the event of a surge.
A 561KD14 or equivalent is recommended.
3. A simple external circuit may be used to adjust the output ±10%. To adjust the
output DOWN, connect a 5%, 3W resistor between the plus output pin and the
VOUT trim pin. To adjust the output UP, connect a 5%, 3W resistor between the
minus output pin and the VOUT trim. Contact the factory for resistor values needed
to achieve a specific output.
4. Recommended output filtering capacitors are:
C1
C2
TVS
MPM-20S-03
330 µF/16V
0.01 µF/25V
SMBJ7.0A
MPM-20S-05
330 µF/16V
0.01 µF/25V
SMBJ7.0A
MPM-20S-09
220 µF/25V
0.01 µF/25V
SMBJ12A
MPM-20S-12
220 µF/25V
0.01 µF/25V
SMBJ20A
MPM-20S-15
220 µF/25V
0.01 µF/25V
SMBJ20A
MPM-20S-24
220 µF/25V
0.01 µF/25V
SMBJ30A
Output capacitor (C2) is a high frequency, low resistance electrolytic capacitor.
Capacitor (C1) is ceramic.Voltage derating of capacitors should be 80% or above.
5. Input noise and surge suppression modules are available for a number of MPD
AC/DC power supplies. An MPM-20S-xx connection with the ACFM-01 is il-
lustrated in the diagram at left. For pricing or full technical information on these
modules (ACFM-01 and ACFM-02) please contact the factory.
Notes:
1. Operation at no load will not damage the units, however, they may not meet
all specifications.
2. Load regulation is measured for an output change of 10% to 100% at nominal
input line.
3. All units are rated for EN 55022 (CE/RE) class B without external components.
4. All units are rated for EN 61000-4-4 (±2 kV) without external components. They
will meet EN 61000-4-4 (±4 kV) with additional input filtering as shown below.
5. All units are rated for EN 61000-4-5 (±1 kV/±2 kV) without external components.
They will meet EN 61000-4-5 (±2 kV/±4 kV) with additional input filtering as shown
below.
6. It is recommended that a fuse be used on the input of a power supply for protection.
For the MPM-20S series, a 3.15A/250 VAC slow blow should be used.
Input Voltage Vs Load
The diagram below illustrates a typical application connection of the MPM-20S-xx series. Notes on this circuit (starting with the input circuit) are:
Typical Connection: With ACFM-01 Input Module (See note 5)
The MPM-20-xx series is also available with
a chassis mount or DIN mount adapter.
Contact the factory for more information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com