Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2107G Datasheet(PDF) 21 Page - Rohm

Part # BA2107G
Description  Low Noise Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2107G Datasheet(HTML) 21 Page - Rohm

Back Button BA2107G Datasheet HTML 17Page - Rohm BA2107G Datasheet HTML 18Page - Rohm BA2107G Datasheet HTML 19Page - Rohm BA2107G Datasheet HTML 20Page - Rohm BA2107G Datasheet HTML 21Page - Rohm BA2107G Datasheet HTML 22Page - Rohm BA2107G Datasheet HTML 23Page - Rohm BA2107G Datasheet HTML 24Page - Rohm BA2107G Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
21/26
31.OCT.2012 Rev.001
TSZ22111・15・00
BA2107G, BA2115xxx
(b) Derating curve
●Power Dissipation
Power dissipation(total loss) indicates the power that can be consumed by IC at Ta=25℃(normal temperature). IC is heated
when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and thermal
resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the maximum
value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead
frame of the package. The parameter which indicates this heat dissipation capability(hardness of heat release)is called
thermal resistance, represented by the symbol θja℃/W.The temperature of IC inside the package can be estimated by this
thermal resistance. Figure 52. (a) shows the model of thermal r
esistance of the package. Thermal resistance θja, ambient
temperature Ta, maximum
junction temperature Tjmax, and power dissipation Pd can be calculated by the equation
below:
θja = (Tjmax-Ta) / Pd
℃/W
・・・・・
(Ⅰ)
Derating curve in Figure 52. (b) indicates power that can be consumed by IC with reference to ambient temperature. Power
that can be consumed by IC with reference to ambient temperature. Power that can be consumed by IC begins to attenuate
at certain ambient temperature. This gr
adient is determined by thermal resistance θja. Thermal resistance θja depends on
chip size, power consumption, package, ambient temperature, package condition, wind velocity, etc even when the same of
package is used. Thermal reduction curve indicates a reference value measured at a specified condition. Figure 53. (c),(d)
show a derating curve for an example of BA2107,BA2115.
(*10)
(*11)
(*12)
Unit
5.4
6.2
4.8
mW/℃
When using the unit above Ta=25℃, subtract the value above per degree℃. Permissible dissipation is the value.
Permissible dissipation is the value when FR4 glass epoxy board 70mm ×70mm ×1.6mm (cooper foil area below 3%) is mounted.
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
Figure 53. Derating curve
(a) Thermal resistance
Figure 52. Thermal resistance and derating curve
(c)BA2107
(d)BA2115
0
50
75
100
125
150
25
P1
P2
Pd (max)
LSIの消費電力 [W]
θ' ja2
θ' ja1
Tj ' (max)
θja2 < θja1
周囲温度 Ta [℃ ]
θ ja2
θ ja1
Tj (max)
Power dissipation of LSI [W]
Ambient temperature Ta [℃]
BA2115FVM
BA2115F
BA2107G
780mW(
*11)
675mW(
*10)
590mW(
*12)
周囲温度 Ta [℃]
チップ 表面温度 Tj [℃]
消費電力 P [W]
Ambient temperature Ta [℃]
Chip surface temperature Tj [℃]
Power dissipation P [W]
θja=(Tjmax-Ta)/Pd ℃/W
BA2115FJ
675mW(
*10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com