Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THM3WI Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # THM3WI
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THM3WI Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  THM3WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THM3WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THM3WI Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
DC/DC Converters
THM 3WI Series
3 Watt
Input Specifications
Input current at no load
5 Vin models: 20 mA typ.
24 Vin models: 6 mA typ.
48 Vin models: 4 mA typ.
Start-up voltage / under voltage shut down
5 Vin models: 4.5 VDC / 4.0 VDC typ.
24 Vin models: 9.0 VDC / 8.0 VDC typ.
48 Vin models: 18 VDC / 16 VDC typ.
Surge voltage (1 sec. max.)
5 Vin models: 16 VDC max.
24 Vin models: 50 VDC max.
48 Vin models: 100 VDC max.
Conducted noise
EN 55022 class A, without external components
ESD (electrostatic discharge)
EN 61000-4-2, air ±8 kV, contact ±6 kV,
perf. criteria A
Radiated immunity
EN 61000-4-3, 10 V/m, perf. criteria A
Fast transient / surge (with external input capacitor / diode)
EN 61000-4-4, ±2 kV, perf. criteria A
EN 61000-4-5, ±2 kV perf. criteria A
– external input capacitor:
5 Vin models: Nippon chemi-con KY 1000 µF/ 25 V and
reverse diode (Vishay V10P45) in parallel
24 Vin models: Nippon chemi-con KY 470 µF/ 50 V
48 Vin models: Nippon chemi-con KY 330 µF/ 100 V
Conducted immunity
EN 61000-4-6, 10 V, perf. criteria A
External input fuse required (recommended values, slow blow type) 5 Vin models: 2.5 A
24 Vin models: 1.5 A
48 Vin models: 1 A
Output Specifications
Voltage set accuracy
±1.0 % max.
Regulation
– Input variation
single output models 0.2 % max.
dual output models 0.5 % max.
– Load variation 0 – 100 %:
single output models: 0.2 % max..
dual output models balanced load: 1.0 % max.
dual output models unbalanced load: 5.0 % max.
Minimum load
not required
Start up time
30 mS
Ripple and noise (20 MHz Bandwidth)
3.3 & 5.0 VDC models: 30 mVp-p typ. with cap. 10µF/25V X7R MLCC
12 & 15 VDC models: 40 mVp-p typ. with cap. 10µF/25V X7R MLCC
24 VDC models: 50 mVp-p typ. with cap. 4.7µF/50V X7R MLCC
Transient response (25% load step change)
250 µs typ.
Current limitation
150 % Iout nominal typ. (hiccup mode)
Short circuit protection
continuous (automatic recovery)
Over voltage protection
3.3 VDC output models: 3.7 – 5.4 VDC
5 VDC output models: 5.6 – 7.0 VDC
12 VDC output models: 13.5 – 19.6 VDC
15 VDC output models: 18.3 – 22.0 VDC
24 VDC output models: 29.1 – 32.5 VDC
Capacitive load
3.3 VDC output models: 1050 µF max.
5 VDC output models: 750 µF max.
12 VDC output models: 130 µF max.
15 VDC output models: 100 µF max.
24 VDC output models: 39 µF max.
±5 VDC output models: 430 µF max. (each output)
±12 VDC output models: 75 µF max. (each output)
±15 VDC output models: 56 µF max. (each output)
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com