Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THM6WI Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # THM6WI
Description  DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THM6WI Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  THM6WI Datasheet HTML 1Page - Touchstone Semiconductor Inc THM6WI Datasheet HTML 2Page - Touchstone Semiconductor Inc THM6WI Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
DC/DC Converters
THM 6WI Series
6 Watt
Rev. October 22. 2013
Page 3 of 3
Outline Dimensions
Pin
Single
Dual
2
–Vin (GND)
–Vin (GND)
11
No con.
–Vout
14
+Vout
+Vout
16
–Vout
Common
22
+Vin (Vcc)
+Vin (Vcc)
23
+Vin (Vcc)
+Vin (Vcc)
Pin-Out
Dimensions in [mm], () = Inch
Pin diameter ø 0.6 ±0.1 (0.024 ±0.004)
Tolerances ±0.5 (±0.02)
Pin pich tolerances ±0.25 (±0.01)
General Specifications
Temperature ranges
– Operating
–40°C to +88°C (without derating)
– Casing
+105°C max.
– Storage
–55°C to +125°C
Humidity (non condensing)
95 % rel H max.
Temperature coefficient
±0.02 %/K typ.
Switching frequency
250 kHz ±25 kHz. (puls width modulation)
I/O isolation voltage
– to meet UL/IEC/EN 60601-1
5000 VACrms, rated for 250 Vrms working
(50Hz, 60sec.)
voltage, 2 x MOPP
Clearance/creepage
8 mm min.
Leakage current
2 µA max. (at 240 VAC, 60 Hz)
Isolation capacitance
– Input/Output
17 pF max. (at 100 KHz, 1 V)
Safety standards
ANSI/AAMI ES 60601-1:2005/(R)2012,
IEC/EN 60601-1 3rd edition
Safety approvals
– UL online certification UL 60601-1
www.ul.com File E188913, copy: e188913qqhm2.pdf
Reliability, calculated MTBF (MIL-HDBK-217F, at +25°C, ground benign)
>1.1 Mio. h
Casing material
non conductive plastic (UL 94V-0-rated)
Potting material
silicone (UL 94V-0-rated)
Vibration and thermal shock resistance
according to MIL-STD-810F
Weight
14.0 g (0.48 oz)
Soldering temperature
max. 265°C / 10 sec.
Environmental compliance
– Reach
www.tracopower.com/products/reach-declaration.pdf
– RoHS
according RoHS directive 2011/65/EU
- The component is not be used in an oxygen rich environment.
- The component is not to be used in conjunction with flammable anaesthetics and agents.
- The component has to be disposed appropriately. Please refer to local regulations (Waste Electrical and Electronic Equipment).
- A modification of the component is not allowed.
11
22
23
2
16
14
Bottom view
2.54
15.24
5.08
4.5
31.8
(0.10)
(0.60)
(0.20)
(0.18)
(1.25)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com