Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F222-IP Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC10F222-IP
Description  PIC10F220/222 Rev. A Silicon Errata
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F222-IP Datasheet(HTML) 3 Page - Microchip Technology

  PIC10F222-IP Datasheet HTML 1Page - Microchip Technology PIC10F222-IP Datasheet HTML 2Page - Microchip Technology PIC10F222-IP Datasheet HTML 3Page - Microchip Technology PIC10F222-IP Datasheet HTML 4Page - Microchip Technology PIC10F222-IP Datasheet HTML 5Page - Microchip Technology PIC10F222-IP Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2006 Microchip Technology Inc.
DS80271A-page 3
PIC10F220/222
FIGURE 2:
TYPICAL DNL AT 5.5V (TESTING AT 7-BIT LEVEL)
Work around:
None.
0.8
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
-0.8
-40°C
0°C
+85°C
+125°C
Note 1:
For example, at 0°C the DNL will be between -0.7 and +0.6.
2:
For testing at 7-bit level, ADRES <0> is ignored.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com