Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9524BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9524BCPZ
Description  Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9524BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9524BCPZ Datasheet HTML 2Page - Analog Devices AD9524BCPZ Datasheet HTML 3Page - Analog Devices AD9524BCPZ Datasheet HTML 4Page - Analog Devices AD9524BCPZ Datasheet HTML 5Page - Analog Devices AD9524BCPZ Datasheet HTML 6Page - Analog Devices AD9524BCPZ Datasheet HTML 7Page - Analog Devices AD9524BCPZ Datasheet HTML 8Page - Analog Devices AD9524BCPZ Datasheet HTML 9Page - Analog Devices AD9524BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
AD9524
Data Sheet
Rev. E | Page 6 of 56
POWER DISSIPATION
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER DISSIPATION
Typical Configuration
559
593
mW
Clock distribution outputs running as follows: four LVPECL outputs
at 122.88 MHz, two LVDS outputs (3.5 mA) at 122.88 MHz,
one differential input reference at 30.72 MHz; fVCXO = 122.88 MHz,
fVCO = 3932.16 MHz; PLL2 BW = 530 kHz; doubler is off
PD, Power-Down
101
132.2
mW
PD pin pulled low, with typical configuration conditions
INCREMENTAL POWER DISSIPATION
Low Power Typical Configuration
389
450.4
mW
Absolute total power with clock distribution; one LVPECL output
running at 122.88 MHz; one differential input reference at
30.72 MHz; fVCXO = 122.88 MHz, fVCO = 3932.16 MHz; doubler is off
Switched to One Input,
Reference Single-Ended Mode
−28.5
−8
mW
Running at 30.72 MHz
Switched to Two Inputs,
Reference Differential Mode
26
44.6
mW
Running at 30.72 MHz
Switched to Two Inputs,
Reference Single-Ended Mode
−27.5
−5.1
mW
Running at 30.72 MHz
Output Distribution, Driver On
Incremental power increase (OUT1) from low power typical (3.3 V)
LVDS
15.3
18.4
mW
Single 3.5 mA LVDS output at 245.76 MHz
47.8
55.4
mW
Single 7 mA LVDS output at 61.44 MHz
LVPECL Compatible
50.1
54.9
mW
Single LVPECL output at 122.88 MHz
HSTL
40.2
46.3
mW
Single 8 mA HSTL output at 122.88 MHz
43.7
50.3
mW
Single 16 mA HSTL output at 122.88 MHz
CMOS
6.6
7.9
mW
Single 3.3 V CMOS output at 15.36 MHz
9.9
11.9
mW
Dual complementary 3.3 V CMOS output at 15.36 MHz
9.9
11.9
mW
Dual in-phase 3.3 V CMOS output at 15.36 MHz
REFA, REFA, REFB, REFB, OSC_IN, OSC_IN, AND ZD_IN, ZD_IN INPUT CHARACTERISTICS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIFFERENTIAL MODE
Input Frequency Range
400
MHz
Input Slew Rate (OSC_IN)
400
V/µs
Minimum limit imposed for jitter performance
Common-Mode Internally
Generated Input Voltage
0.6
0.7
0.8
V
Input Common-Mode Range
1.025
1.475
V
For dc-coupled LVDS (maximum swing)
Differential Input Voltage,
Sensitivity Frequency < 250 MHz
100
mV p-p
Capacitive coupling required; can accommodate single-ended
input by ac grounding of unused input; the instantaneous voltage
on either pin must not exceed the 1.8 V dc supply rails
Differential Input Voltage,
Sensitivity Frequency > 250 MHz
200
mV p-p
Capacitive coupling required; can accommodate single-ended
input by ac grounding of unused input; the instantaneous voltage
on either pin must not exceed the 1.8 V dc supply rails
Differential Input Resistance
4.8
kΩ
Differential Input Capacitance
1
pF
Duty Cycle
Duty cycle bounds are set by pulse width high and pulse width low
Pulse Width Low
1
ns
Pulse Width High
1
ns
CMOS MODE SINGLE-ENDED INPUT
Input Frequency Range
250
MHz
Input High Voltage
1.6
V
Input Low Voltage
0.52
V
Input Threshold Voltage
1.0
V
When ac coupling to the input receiver, the user must dc bias the
input to 1 V; the single-ended CMOS input is 3.3 V compatible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com